전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MICROSMDCH010F 데이터시트(PDF) 1 Page - Littelfuse

부품명 MICROSMDCH010F
상세설명  PolySwitch PTC Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MICROSMDCH010F 데이터시트(HTML) 1 Page - Littelfuse

  MICROSMDCH010F Datasheet HTML 1Page - Littelfuse MICROSMDCH010F Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: microSMDCH010F
DOCUMENT: SCD27510
REV LETTER: C
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse, Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Specification Status: Released
Maximum Electrical Rating
Voltage:
30VDC
Short Circuit Current: 10A
Notes:
1. All terminations are tin plated.
2. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm:
3.00
3.43
0.57
0.97
2.35
2.80
0.25
0.75
0.076
in:
(0.118)
(0.135) (0.022) (0.038) (0.092) (0.110) (0.010) (0.030) (0.003)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 25°C
AMPERES
AT 85°C
SECONDS
AT 25°C, 1A
OHMS
AT 25°C
WATTS AT
25°C, 30V
HOLD TRIP HOLD TRIP HOLD TRIP
MAX
MIN
MAX*
MAX
0.15
0.52
0.10
0.35
0.05
0.17
0.1
1.20
11.0
0.9
*Maximum resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.030”X1.5-ounce copper traces.
Agency Recognition:
None
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to:
Br≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm
HF


유사한 부품 번호 - MICROSMDCH010F

제조업체부품명데이터시트상세설명
logo
Littelfuse
MICROSMDCH050F LITTELFUSE-MICROSMDCH050F Datasheet
242Kb / 2P
PolySwitch PTC Devices
More results

유사한 설명 - MICROSMDCH010F

제조업체부품명데이터시트상세설명
logo
Littelfuse
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
PolySwitch PTC Devices
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
PolySwitch PTC Devices
SMD075F-60 LITTELFUSE-SMD075F-60 Datasheet
327Kb / 2P
PolySwitch PTC Devices
SMD125F LITTELFUSE-SMD125F Datasheet
328Kb / 2P
PolySwitch PTC Devices
SMD150F LITTELFUSE-SMD150F Datasheet
328Kb / 2P
PolySwitch PTC Devices
SMD150F-33-2920 LITTELFUSE-SMD150F-33-2920 Datasheet
97Kb / 2P
PolySwitch PTC Devices
SMD250F-15-2920 LITTELFUSE-SMD250F-15-2920 Datasheet
97Kb / 2P
PolySwitch PTC Devices
SMDC125F-33 LITTELFUSE-SMDC125F-33 Datasheet
347Kb / 2P
PolySwitch PTC Devices
SMDC185F-33 LITTELFUSE-SMDC185F-33 Datasheet
104Kb / 2P
PolySwitch PTC Devices
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com