전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6679 데이터시트(PDF) 66 Page - Analog Devices

부품명 AD6679
상세설명  135 MHz BW IF Diversity Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6679 데이터시트(HTML) 66 Page - Analog Devices

Back Button AD6679 Datasheet HTML 62Page - Analog Devices AD6679 Datasheet HTML 63Page - Analog Devices AD6679 Datasheet HTML 64Page - Analog Devices AD6679 Datasheet HTML 65Page - Analog Devices AD6679 Datasheet HTML 66Page - Analog Devices AD6679 Datasheet HTML 67Page - Analog Devices AD6679 Datasheet HTML 68Page - Analog Devices AD6679 Datasheet HTML 69Page - Analog Devices AD6679 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 65 of 81
SYNC± SETUP AND HOLD WINDOW MONITOR
To assist in ensuring a valid SYNC± capture, the AD6679 has a
SYNC± setup and hold window monitor. This feature allows the
system designer to determine the location of the SYNC± signals
relative to the CLK± signals by reading back the amount of
setup and hold margin on the interface through the memory
map. Figure 85 and Figure 86 show both the setup and hold
status values, respectively, for different phases of SYNC±. The
setup detector returns the status of the SYNC± signal before the
CLK± edge and the hold detector returns the status of the
SYNC± signal after the CLK± edge. Register 0x128 stores the
status of SYNC± and indicates whether the SYNC± signal was
captured by the ADC.
VALID
REG 0x128[3:0]
CLK±
INPUT
SYNC±
INPUT
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
–1
–2
–3
–4
–5
–6
–7
–8
7
6
5
4
3
2
1
0
Figure 85. SYNC ± Setup Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82