| 전자부품 데이터시트 검색엔진 |
|
MSP430A005IPWR 데이터시트(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430A005IPWR 데이터시트(HTML) 38 Page - Texas Instruments |
|
38 / 47 page ![]() MSP430x11x2, MSP430x12x2 MIXED SIGNAL MICROCONTROLLER SLAS361D − JANUARY 2002 − REVISED AUGUST 2004 38 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) port P3, P3.3, input/output with Schmitt-trigger P3.3/UCLK0 P3IN.3 Pad Logic EN D P3OUT.3 P3DIR.3 P3SEL.3 UCLK.0 0 1 0 1 DCM_UCLK SYNC MM STE STC From USART0 UCLK0 To USART0 0: Input 1: Output NOTE: UART mode: The UART clock can only be an input. If UART mode and UART function are selected, the P3.3/UCLK0 is always an input. SPI, slave mode: The clock applied to UCLK0 is used to shift data in and out. SPI, master mode: The clock to shift data in and out is supplied to connected devices on pin P3.3/UCLK0 (in slave mode). port P3, P3.4, and P3.5 input/output with Schmitt-trigger P3IN.x Module X IN Pad Logic EN D P3OUT.x P3DIR.x P3SEL.x Module X OUT Direction Control From Module 0 1 0 1 P3.4/UTXD0 P3.5/URXD0 0: Input 1: Output x {4,5} PnSel.x PnDIR.x DIRECTION CONTROL FROM MODULE PnOUT.x MODULE X OUT PnIN.x MODULE X IN P3Sel.4 P3DIR.4 VCC P3OUT.4 UTXD0† P3IN.4 Unused P3Sel.5 P3DIR.5 VSS P3OUT.5 VSS P3IN.5 URXD0‡ † Output from USART0 module ‡ Input to USART0 module |