전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR780 데이터시트(PDF) 2 Page - Power Semiconductors

부품명 AR780
상세설명  RECTIFIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POSEICO [Power Semiconductors]
홈페이지  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR780 데이터시트(HTML) 2 Page - Power Semiconductors

  AR780 Datasheet HTML 1Page - Power Semiconductors AR780 Datasheet HTML 2Page - Power Semiconductors AR780 Datasheet HTML 3Page - Power Semiconductors AR780 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AR780 RECTIFIER DIODE
FINAL SPECIFICATION
Mar. 17 - Issue: 1
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
180°
120°
90°
60°
30°
40
60
80
100
120
140
160
180
0
1000
2000
3000
4000
5000
6000
Th [°C]
IF(AV) [A]
DC
180°
120°
90°
60°
30°
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
1000
2000
3000
4000
5000
6000
PF(AV) [W]
IF(AV) [A]



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com