전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE2023 데이터시트(PDF) 2 Page - NTE Electronics

부품명 NTE2023
상세설명  Integrated Circuit General Purpose, High Current 7-Segment Display Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2023 데이터시트(HTML) 2 Page - NTE Electronics

  NTE2023 Datasheet HTML 1Page - NTE Electronics NTE2023 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Base–Emitter Saturation Voltage
VBE(sat)
IC = 30mA
0.75
1
V
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 30mA
0.13
0.5
V
IC = 50mA
0.2
0.7
V
Collector Cutoff Current
ICEO
VCE = 10V
10
µA
ICBO
VCB = 10V
1
µA
VDD
.700 (17.78)
.100 (2.54)
18
16
9
.200 (5.08)
Max
.870 (22.0)
Max
.260
(6.6)
Max
.099 (2.5) Min
Q4 Emitter
Q4 Base
Substrate
Q5 Emitter
Q7 Emitter
Q7 Base
Q3 Base
Q3 Emitter
Common Cathode
Q2 Base
Q6 Base
Q6 Emitter
1
2
3
4
Q1 Emitter
Q2 Emitter
5
6
Q5 Base
7
8
16
15
14
13
12
11
10
9
Pin Connection Diagram



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com