| 전자부품 데이터시트 검색엔진 |
|
FMS6406CSX 데이터시트(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FMS6406CSX 데이터시트(HTML) 3 Page - ON Semiconductor |
|
3 / 14 page ![]() © 2006 Fairchild Semiconductor Corporation www.fairchildsemi.com FMS6406 Rev. 4.0.4 FMS6406 Pin Configuration FMS6406 8-pin SOIC YIN YOUT EQ_NOTCH GND CVOUT VCC 1 2 3 8 7 6 COUT CIN 4 5 Pin Assignments Pin# Pin Type Description 1 YIN Input Luminance (Luma) Input: In a typical system, this pin is connected to the Luma or composite video output pin from the external video encoder. 2 EQ_NOTCH Output Composite video output to RF modulator/driver. 3 GND Input Ground 4 CIN Input Chrominance (Chroma) Input: In a typical system, this pin is connected to the Chroma output pin from the external video encoder. 5 COUT Output Filtered Chrominance Video Output from the CIN channel. 6 CVOUT Output Composite Video Output: This pin is the sum of YOUT and COUT. 7 VCC Input +5V supply. 8 YOUT Output Filtered Luminance Video Output from the YIN channel. |