| 전자부품 데이터시트 검색엔진 |
|
M24C08-RDS6TG/W 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-RDS6TG/W 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 12/29 Sequential Read This operation can be used after a Current Ad- dress Read or a Random Address Read. The bus master does acknowledge the data byte output, and sends additional clock pulses so that the de- vice continues to output the next byte in sequence. To terminate the stream of bytes, the bus master must not acknowledge the last byte, and must generate a Stop condition, as shown in Figure 9.. The output data comes from consecutive address- es, with the internal address counter automatically incremented after each byte output. After the last memory address, the address counter ‘rolls-over’, and the device continues to output data from memory address 00h. Acknowledge in Read Mode For all Read commands, the device waits, after each byte read, for an acknowledgment during the 9th bit time. If the bus master does not drive Serial Data (SDA) Low during this time, the device termi- nates the data transfer and switches to its Stand- by mode. INITIAL DELIVERY STATE The device is delivered with the memory array erased: all bits are set to 1 (each byte contains FFh). |