전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD606S 데이터시트(PDF) 1 Page - SamHop Microelectronics Corp.

부품명 STUD606S
상세설명  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD606S 데이터시트(HTML) 1 Page - SamHop Microelectronics Corp.

  STUD606S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD606S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STU/D606S
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
60V
21A
68
@
VGS=4.5V
56
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
N-Channel Logic Level Enhancement Mode Field Effect Transistor
Ver 1.2
www.samhop.com.tw
Dec,03,2012
1
Details are subject to change without notice.
G
S
STU SERIES
TO - 252AA( D- PAK )
G
S
D
STD SERIES
TO - 251( I - PAK )
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
60
21
61
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
b
A
TC=25°C
W
PD
°C
50
-55 to 150
TC=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
2.5
°C/W
Thermal Resistance, Junction-to-Case
R JC
TC=70°C
A
EAS
mJ
Sigle Pulse Avalanche Energy
d
TC=70°C
W
a
16.8
32
25
Green
Product


유사한 부품 번호 - STUD606S

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STUD600S SAMHOP-STUD600S Datasheet
216Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
STUD602S SAMHOP-STUD602S Datasheet
125Kb / 8P
Super high dense cell design for low RDS(ON).
STUD608S SAMHOP-STUD608S Datasheet
102Kb / 8P
Super high dense cell design for low RDS(ON).
STUD609S SAMHOP-STUD609S Datasheet
104Kb / 7P
Super high dense cell design for low RDS(ON).
More results

유사한 설명 - STUD606S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com