| 전자부품 데이터시트 검색엔진 |
|
IP140 데이터시트(PDF) 4 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP140 데이터시트(HTML) 4 Page - Seme LAB |
|
4 / 5 page ![]() IP140A SERIES IP140 SERIES IP7800A SERIES IP7800 SERIES LM140 SERIES Prelim.5/00 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk 1) All characteristics are measured with a capacitor across the input of 0.22 mF and a capacitor across the output of 0.1mF. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output voltage changes due to changes in internal temperature must be taken into account separately. 2) Although power dissipation is internally limited, these specifications are applicable for maximum power dissipation PMAX of 20W , IMAX = 1.0A. 3) TJ = 25°C unless otherwise stated. VO Output Voltage VO Low Supply DVO Line Regulation DVO Load Regulation IQ Quiescent Current DIQ Quiescent Current Change VN Output Noise Voltage DVIN Ripple Rejection DVO Dropout Voltage RO Output Resistance Isc Short Circuit Current Ipk Peak Output Current Average Temperature Coefficient of VO Input Voltage required to maintain line regulation IP7815A IP7815 LM,IP140A–15 LM,IP140–15 Parameter Test Conditions Min. Typ. Max. Min. Typ. Max. Units IO = 1A VIN = 23V IO = 5mA to IMAX PD £ PMAX VIN = 17.9V to 30V TJ = -55 to 150°C IO = 5mA to IMAX PD £ PMAX VIN = 17.5V to 30V VIN = 17.5V to 30V IO = 0.5 IMAX VIN = 17.9V to 30V TJ = -55 to 150°C IO £ IMAX VIN = 17.5V to 30V VIN = 20V to 26V TJ = -55 to 150°C IO = 5mA to 1.5A VIN = 23V IO = 250mA to 750mA VIN = 23V IO = 5mA to IMAX TJ = -55 to 150°C IO £ IMAX VIN = 23V TJ = -55 to 150°C IO = 5mA to IMAX VIN = 23V IO £ IMAX VIN = 17.9V to 30V TJ = -55 to 150°C IO £ 0.5 IMAX VIN = 18.5V to 30V IO £ 0.5 IMAX VIN = 17.5V to 30V TJ = -55 to 150°C f = 10Hz to 100kHz VIN = 23V f = 120Hz IO £ IMAX VIN = 18.5V to IO £ 0.5 IMAX 28.5V TJ = -55 to 150°C IO = IMAX f = 1 kHz VIN = 35V VIN = 23V IO = 5mA IO £ IMAX 14.4 15 15.60 14.25 15.75 14.25 15.75 150 150 150 60 75 150 75 150 6 7 0.5 0.8 0.8 1 90 60 60 2 9 0.6 1.2 2.4 3.3 1.8 17.7 14.85 15 15.15 14.55 15.45 14.25 15.45 422 422 422 210 530 12 35 421 975 46 4 6.5 0.2 0.5 0.1 0.8 0.1 0.8 0.2 1 90 600 60 70 60 70 2 2.5 9 0.6 1.2 2.4 3.3 0.6 6 17.5 V V mV mV mA mA mV dB V m W A mV °C V |