| 전자부품 데이터시트 검색엔진 |
|
M24C04-RDS6T/G 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-RDS6T/G 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 29 page ![]() 7/29 M24C16, M24C08, M24C04, M24C02, M24C01 DEVICE OPERATION The device supports the I2C protocol. This is sum- marized in Figure 5.. Any device that sends data on to the bus is defined to be a transmitter, and any device that reads the data to be a receiver. The device that controls the data transfer is known as the bus master, and the other as the slave de- vice. A data transfer can only be initiated by the bus master, which will also provide the serial clock for synchronization. The M24Cxx device is always a slave in all communication. Start Condition Start is identified by a falling edge of Serial Data (SDA) while Serial Clock (SCL) is stable in the High state. A Start condition must precede any data transfer command. The device continuously monitors (except during a Write cycle) Serial Data (SDA) and Serial Clock (SCL) for a Start condition, and will not respond unless one is given. Stop Condition Stop is identified by a rising edge of Serial Data (SDA) while Serial Clock (SCL) is stable and driv- en High. A Stop condition terminates communica- tion between the device and the bus master. A Read command that is followed by NoAck can be followed by a Stop condition to force the device into the Stand-by mode. A Stop condition at the end of a Write command triggers the internal EE- PROM Write cycle. Acknowledge Bit (ACK) The acknowledge bit is used to indicate a success- ful byte transfer. The bus transmitter, whether it be bus master or slave device, releases Serial Data (SDA) after sending eight bits of data. During the 9th clock pulse period, the receiver pulls Serial Data (SDA) Low to acknowledge the receipt of the eight data bits. Data Input During data input, the device samples Serial Data (SDA) on the rising edge of Serial Clock (SCL). For correct device operation, Serial Data (SDA) must be stable during the rising edge of Serial Clock (SCL), and the Serial Data (SDA) signal must change only when Serial Clock (SCL) is driv- en Low. Memory Addressing To start communication between the bus master and the slave device, the bus master must initiate a Start condition. Following this, the bus master sends the Device Select Code, shown in Table 2. (on Serial Data (SDA), most significant bit first). The Device Select Code consists of a 4-bit Device Type Identifier, and a 3-bit Chip Enable “Address” (E2, E1, E0). To address the memory array, the 4- bit Device Type Identifier is 1010b. Each device is given a unique 3-bit code on the Chip Enable (E0, E1, E2) inputs. When the Device Select Code is received, the device only responds if the Chip Enable Address is the same as the val- ue on the Chip Enable (E0, E1, E2) inputs. How- ever, those devices with larger memory capacities (the M24C16, M24C08 and M24C04) need more address bits. E0 is not available for use on devices that need to use address line A8; E1 is not avail- able for devices that need to use address line A9, and E2 is not available for devices that need to use address line A10 (see Figure 3. and Table 2. for details). Using the E0, E1 and E2 inputs, up to eight M24C02 (or M24C01), four M24C04, two M24C08 or one M24C16 devices can be connect- ed to one I2C bus. In each case, and in the hybrid cases, this gives a total memory capacity of 16 Kbits, 2 KBytes (except where M24C01 devic- es are used). The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations. If a match occurs on the Device Select code, the corresponding device gives an acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match the Device Select code, it deselects itself from the bus, and goes into Stand- by mode. Table 3. Operating Modes Note: 1. X = VIH or VIL. Mode RW bit WC 1 Bytes Initial Sequence Current Address Read 1 X 1 START, Device Select, RW = 1 Random Address Read 0X 1 START, Device Select, RW = 0, Address 1 X reSTART, Device Select, RW = 1 Sequential Read 1 X ≥ 1 Similar to Current or Random Address Read Byte Write 0 VIL 1 START, Device Select, RW = 0 Page Write 0 VIL ≤ 16 START, Device Select, RW = 0 |