전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC862D 데이터시트(PDF) 80 Page - Motorola, Inc

부품명 MPC862D
상세설명  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862D 데이터시트(HTML) 80 Page - Motorola, Inc

Back Button MPC862D Datasheet HTML 76Page - Motorola, Inc MPC862D Datasheet HTML 77Page - Motorola, Inc MPC862D Datasheet HTML 78Page - Motorola, Inc MPC862D Datasheet HTML 79Page - Motorola, Inc MPC862D Datasheet HTML 80Page - Motorola, Inc MPC862D Datasheet HTML 81Page - Motorola, Inc MPC862D Datasheet HTML 82Page - Motorola, Inc MPC862D Datasheet HTML 83Page - Motorola, Inc MPC862D Datasheet HTML 84Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
80
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Mechanical Data and Ordering Information
Mechanical Data and Ordering Information
PA1
CLK7
BRGO4
TIN4
T19
Bidirectional
PA0
CLK8
TOUT4
L1TCLKB
U19
Bidirectional
PB31
SPISEL
REJECT1
C17
Bidirectional
(Optional: Open-drain)
PB30
SPICLK
RSTRT2
C19
Bidirectional
(Optional: Open-drain)
PB29
SPIMOSI
E16
Bidirectional
(Optional: Open-drain)
PB28
SPIMISO
BRGO4
D19
Bidirectional
(Optional: Open-drain)
PB27
I2CSDA
BRGO1
E19
Bidirectional
(Optional: Open-drain)
PB26
I2CSCL
BRGO2
F19
Bidirectional
(Optional: Open-drain)
PB25
RXADDR32
SMTXD1
J16
Bidirectional
(Optional: Open-drain)
PB24
TXADDR32
SMRXD1
J18
Bidirectional
(Optional: Open-drain)
PB23
TXADDR22
SDACK1
SMSYN1
K17
Bidirectional
(Optional: Open-drain)
PB22
TXADDR42
SDACK2
SMSYN2
L19
Bidirectional
(Optional: Open-drain)
PB21
SMTXD2
L1CLKOB
PHSEL1 1
TXADDR1 2
K16
Bidirectional
(Optional: Open-drain)
Table 35. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88