전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC862 데이터시트(PDF) 26 Page - Motorola, Inc

부품명 MPC862
상세설명  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862 데이터시트(HTML) 26 Page - Motorola, Inc

Back Button MPC862 Datasheet HTML 22Page - Motorola, Inc MPC862 Datasheet HTML 23Page - Motorola, Inc MPC862 Datasheet HTML 24Page - Motorola, Inc MPC862 Datasheet HTML 25Page - Motorola, Inc MPC862 Datasheet HTML 26Page - Motorola, Inc MPC862 Datasheet HTML 27Page - Motorola, Inc MPC862 Datasheet HTML 28Page - Motorola, Inc MPC862 Datasheet HTML 29Page - Motorola, Inc MPC862 Datasheet HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
26
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Bus Signal Timing
Bus Signal Timing
Figure 8 provides the timing for the synchronous input signals.
Figure 8. Synchronous Input Signals Timing
Figure 9 provides normal case timing for input data. It also applies to normal read accesses under the control
of the UPM in the memory controller.
Figure 9. Input Data Timing in Normal Case
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17
CLKOUT
TA
D[0:31],
DP[0:3]
B16
B17
B19
B18
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88