| 전자부품 데이터시트 검색엔진 |
|
M24C04-WDW3T/G 데이터시트(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C04-WDW3T/G 데이터시트(HTML) 23 Page - STMicroelectronics |
|
23 / 29 page ![]() 23/29 M24C16, M24C08, M24C04, M24C02, M24C01 Figure 14. UFDFPN8 (MLP8) 8-lead Ultra thin Fine pitch Dual Flat Package No lead 2x3mm², Outline Note: 1. Drawing is not to scale. 2. The central pad (the area E2 by D2 in the above illustration) is pulled, internally, to VSS. It must not be allowed to be connected to any other voltage or signal line on the PCB, for example during the soldering process. Table 20. UFDFPN8 (MLP8) 8-lead Ultra thin Fine pitch Dual Flat Package No lead 2x3mm², Data Symbol mm inches Typ. Min. Max. Typ. Min. Max. A 0.55 0.50 0.60 0.022 0.020 0.024 A1 0.00 0.05 0.000 0.002 b 0.25 0.20 0.30 0.010 0.008 0.012 D 2.00 0.079 D2 1.55 1.65 0.061 0.065 ddd 0.05 0.002 E 3.00 0.118 E2 0.15 0.25 0.006 0.010 e 0.50 – – 0.020 – – L 0.45 0.40 0.50 0.018 0.016 0.020 L1 0.15 0.006 L3 0.30 0.012 N8 8 D E UFDFPN-01 A A1 ddd L1 e b D2 L E2 L3 |