| 전자부품 데이터시트 검색엔진 |
|
M24C08-RMB3TP/G 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-RMB3TP/G 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 29 page ![]() 11/29 M24C16, M24C08, M24C04, M24C02, M24C01 Figure 9. Read Mode Sequences Note: The seven most significant bits of the Device Select Code of a Random Read (in the 1st and 3rd bytes) must be identical. Read Operations Read operations are performed independently of the state of the Write Control (WC) signal. The device has an internal address counter which is incremented each time a byte is read. Random Address Read A dummy Write is first performed to load the ad- dress into this address counter (as shown in Fig- ure 9.) but without sending a Stop condition. Then, the bus master sends another Start condition, and repeats the Device Select Code, with the RW bit set to 1. The device acknowledges this, and out- puts the contents of the addressed byte. The bus master must not acknowledge the byte, and termi- nates the transfer with a Stop condition. Current Address Read For the Current Address Read operation, following a Start condition, the bus master only sends a De- vice Select Code with the RW bit set to 1. The de- vice acknowledges this, and outputs the byte addressed by the internal address counter. The counter is then incremented. The bus master ter- minates the transfer with a Stop condition, as shown in Figure 9., without acknowledging the byte. DEV SEL * BYTE ADDR DEV SEL DATA OUT 1 AI01942 DATA OUT N CURRENT ADDRESS READ DEV SEL DATA OUT RANDOM ADDRESS READ DEV SEL * DATA OUT SEQUENTIAL CURRENT READ DATA OUT N DEV SEL * BYTE ADDR SEQUENTIAL RANDOM READ DEV SEL * DATA OUT 1 ACK R/W NO ACK ACK R/W ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |