전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9925BBCZRL 데이터시트(PDF) 56 Page - Analog Devices

부품명 AD9925BBCZRL
상세설명  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL 데이터시트(HTML) 56 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 52Page - Analog Devices AD9925BBCZRL Datasheet HTML 53Page - Analog Devices AD9925BBCZRL Datasheet HTML 54Page - Analog Devices AD9925BBCZRL Datasheet HTML 55Page - Analog Devices AD9925BBCZRL Datasheet HTML 56Page - Analog Devices AD9925BBCZRL Datasheet HTML 57Page - Analog Devices AD9925BBCZRL Datasheet HTML 58Page - Analog Devices AD9925BBCZRL Datasheet HTML 59Page - Analog Devices AD9925BBCZRL Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
AD9925
Rev. A | Page 56 of 96
n—Vertical and Shutter Outputs (Pr
1, 2
T = Lo
Table 35. Standby Mode Operatio
ogrammable Polarities Available)
w2
I/O Block
Standby 3 (Default)
OUT_CON
, 3
Standby 23
Standby 13
XV1
Low
Low
Low
Low
XV8
Low
Low
Low
Low
XV3
Low
Low
Low
Low
XV7
Low
Low
Low
Low
XV6
Low
High
High
High
XSG6
Low
High
High
High
XV5
Low
High
High
High
XV4
Low
High
High
High
XSG5
Low
High
High
High
XSG4
Low
High
High
High
XV2
Low
High
High
High
XSG3
Low
High
High
High
XSG1
Low
High
High
High
XSG2
Low
High
High
High
SUBCK
Low
High
High
High
VSUB
Low
Low
Low
Low
MSHUT
Low
Low
Low
Low
STROBE
Low
Low
Low
Low
1 Polarities for vertical and shutter outputs are programmable for each standby mode, using the STBYPOL registers.
2 Default register values are:
STBY3POL = Bin 00000000000000000 = 0x00
OCONTPOL = STBY2POL = STBY1POL = Bin 000011111111111000 = 0x3FF8
3 Bit assignments for programming polarity registers: (MSB) XV1, XV8, XV3, XV7, XV6, XSG6, XV5, XV4, XSG5, XSG4, XV2, XSG3, XSG1, XSG2, SUBCK, VSUB, MSHUT, and
STROBE (LSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96