| 전자부품 데이터시트 검색엔진 |
|
12FL 데이터시트(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
12FL 데이터시트(HTML) 2 Page - International Rectifier |
|
2 / 10 page ![]() 1N3879(R), 1N3889(R), 6/ 12/ 16FL(R) Series 2222222222222 12 2 Voltage V RRM max. repetitive V RSM , maximum non- I RRM max. I RRM max. I RRM max. Type number Code peak and off-state voltage repetitive peak voltage T J = 25°C T J = 100°C TJ = 150°C V V µA mA mA 1N3879. 50 75 1N3880. 100 150 1N3881. - 200 250 15 * 1.0 * 3.0 * 1N3882. 300 350 1N3883. 400 450 1N3889. - 50 75 1N3890. - 100 150 1N3891. - 200 250 25 * 3.0 * 5.0 * 1N3892. - 300 350 1N3893. - 400 450 550 75 10 100 150 6FL.. 20 200 275 12FL.. 40 400 500 50 - 6.0 16FL.. 60 600 725 80 800 950 100 1000 1250 ELECTRICAL SPECIFICATIONS Voltage Ratings I F(AV) Max. average forward current 180° conduction, half sine wave. @ TC = 100°C DC I F(RMS) Max. RMS current 9.5 9.5 19 25 A I FSM Max. peak, one-cycle 85 130 170 215 t = 10ms No voltage non-repetitive forward current 90 135 180 225 t = 8.3ms reapplied 72 110 145 180 t = 10ms 100% V RRM 75 * 115 150 * 190 t = 8.3ms reapplied Sinusoidal half wave I2t Maximum I2t for fusing 36 86 145 230 t = 10ms No voltage Initial T J = 150°C 33 78 130 210 t = 8.3ms reapplied 26 60 103 160 t = 10ms 100% V RRM 23 55 94 150 t = 8.3ms reapplied I2√t Maximum I2√t for fusing 363 856 1452 2290 A2√s t = 0.1 to 10ms, no voltage reapplied V FM Max. forward voltage 1.4 * 1.4 1.4 * 1.4 T J = 25°C, IF = rated IF(AV) (D.C.) 1.5 * 1.5 1.5 * 1.5 T C = 100°C, IFM = π x rated IF(AV) Forward Conduction 1N3879. 1N3889. Parameter 1N3883. 6FL.. 1N3893. 16FL.. Units Conditions 12FL.. 6* 6 12 * 16 A A A2s V * JEDEC registered value |