| 전자부품 데이터시트 검색엔진 |
|
CDCVF310PW 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCVF310PW 데이터시트(HTML) 1 Page - Texas Instruments |
|
1 / 12 page ![]() www.ti.com 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 GND VDD 1Y0 1Y1 1Y2 GND GND 1Y3 1Y4 VDD 1G 2Y4 CLK VDD VDD 2Y0 2Y1 GND GND 2Y2 2Y3 VDD VDD 2G PW PACKAGE (TOP VIEW) DESCRIPTION CDCVF310 SCAS771A – AUGUST 2004 – REVISED AUGUST 2004 2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER • High-Performance 1:10 Clock Driver for General-Purpose Applications • Pin-to-Pin Skew < 100 ps at VDD 3.3 V • VDD Range = 2.3 V to 3.6 V • Input Clock Up To 200 MHz (See Figure 7) • Operating Temperature Range –40 °C to 85°C • Output Enable Glitch Suppression • Distributes One Clock Input to Two Banks of Five Outputs • Packaged in 24-Pin TSSOP • Pin-to-Pin Compatible to the CDCVF2310, Except the R = 22- Ω Series Damping Resistors at Yn The CDCVF310 is a high-performance, low-skew clock buffer that operates up to 200 MHz. Two banks of five outputs each provide low-skew copies of CLK. After power up, the default state of the outputs is low regardless of the state of the control pins. For normal operation, the outputs of bank 1Y[0:4] or 2Y[0:4] can be placed in a low state when the control pins (1G or 2G, respectively) are held low and a negative clock edge is detected on the CLK input. The outputs of bank 1Y[0:4] or 2Y[0:4] can be switched into the buffer mode when the control pins (1G and 2G) are held high and a negative clock edge is detected on the CLK input. The device operates in a 2.5-V and 3.3-V environment. The built-in output enable glitch suppression ensures a synchronized output enable sequence to distribute full period clock signals. The CDCVF310 is characterized for operation from –40 °C to 85°C. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - CDCVF310PW |
|
유사한 설명 - CDCVF310PW |