전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC8237 데이터시트(PDF) 1 Page - SamHop Microelectronics Corp.

부품명 SC8237
상세설명  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8237 데이터시트(HTML) 1 Page - SamHop Microelectronics Corp.

  SC8237 Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8237 Datasheet HTML 2Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S mHop Microelectronics C orp.
a
PRODUCT SUMMARY
VSSS
IS
RSS(ON) (m
Ω) Max
16V
9A
12.0 @ VGS=2.5V
9.5 @ VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Wafer level CSP.
Dual N-Channel Enhancement Mode Field Effect Transistor
Preliminary
www.samhop.com.tw
Apr,24,2015
1
Details are subject to change without notice.
SC8237
Green
Product
ESD Protected.
10.0 @ VGS=4.0V
11.0 @ VGS=3.1V
G1
S2
G2
S1
1.98
0.02
S1: Source 1
G1: Gate 1
G2: Gate 2
S2: Source 2
0.65
0.65
4 -
φ 0.31
TOP VIEW
BOTTOM VIEW
Mark area
1-pin index mark S1
Unit : mm
0.20
0.01
FET1
FET2
Gate 2
Gate 1
Body Diode
Protect
Diode
Source 2
Source 1
Gate
Symbol
VSSS
VGSS
ISP
A
PT
°C
-55 to 150
IS
Units
Parameter
16
9
90
V
V
±10
Gate-Source Voltage
Source-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
Limit
Source Current-Continuous
-Pulsed
a
A
Total Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
W
1.6
a
b
WLCSP
8237
Date Code


유사한 부품 번호 - SC8237

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SC8230 SAMHOP-SC8230 Datasheet
160Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
SC8232 SAMHOP-SC8232 Datasheet
98Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
SC8238 SAMHOP-SC8238 Datasheet
100Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results

유사한 설명 - SC8237

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com