| 전자부품 데이터시트 검색엔진 |
|
DP8481N 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8481N 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF5862 June 1986 DP8481 TTL to 10k ECL Level Translator with Latch General Description This circuit translates TTL input levels to ECL output levels and provides a fall-through latch The outputs are gated with CS providing for wire ORing of outputs The strobe and chip select inputs operate at ECL levels Features Y 16-pin flat-pack or DIP Y ECL control inputs Y CS provided for wire ORing of output bus Y 10k ECL IO compatible Y 30 ns typical propagation delay Logic and Connection Diagram Dual-In-Line Package TLF5862 – 1 Top View Truth Table DQ STR CS HL L H LH L H XQ HH XL X L Hehigh level (most positive) Lelow level (most negative) Xedon’t care Order Number DP8481F DP8481J or DP8481N See NS Package F16B J16A or N16A C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
유사한 부품 번호 - DP8481N |
|
유사한 설명 - DP8481N |