| 전자부품 데이터시트 검색엔진 |
|
M41ST87YMX6 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87YMX6 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 42 page ![]() M41ST87Y, M41ST87W 6/42 Figure 2. Logic Diagram Note: 1. Open drain output 2. Programmable output (Open drain or Full-CMOS) Figure 3. 28-pin, 300mil SOIC (MX) Connections Note: No Function (NF) and No Connect (NC) pins should be tied to VSS. Pins 1, 2, 3, and 4 are internally shorted together. Table 1. Signal Names Note: 1. Open drain output 2. Programmable output (Open drain or Full-CMOS) 3. Should be connected to VSS. AI07023 SCL VCC M41ST87Y M41ST87W EX VSS VBAT SDA RSTIN1 IRQ/OUT (1) SQW/FT (2) WDI RSTIN2 TP1IN PFI2 TP2IN PFI1 ECON RST (1) PFO1 (2) PFO2 (2) VOUT F32k (1) TPCLR AI07025b 8 2 3 4 5 6 7 9 10 11 12 13 14 22 21 20 19 18 17 16 15 28 27 26 25 24 23 1 RSTIN1 RSTIN2 PFI2 NF NC SQW/FT WDI NF NC IRQ/OUT F32k VOUT TP1IN EX PFI1 SCL TPCLR PFO1 ECON VSS VBAT TP2IN SDA RST NF NF VCC M41ST87Y M41ST87W PFO2 ECON Conditioned Chip Enable Output EX External Chip Enable IRQ/OUT(1) Interrupt/Out Output (Open drain) PFI1 Power Fail Input 1 PFI2 Power Fail Input 2 PFO1 (2) Power Fail Output 1 PFO2 (2) Power Fail Output 2 RST(1) Reset Output (Open Drain) RSTIN1 Reset 1 Input RSTIN2 Reset 2 Input SCL Serial Clock Input SDA Serial Data Input/Output SQW/FT(2) Square Wave Output/Frequency Test WDI Watchdog Input VCC Supply Voltage VOUT Voltage Output VSS Ground F32k (1) 32kHz Square Wave Output (Open drain) TP1IN Tamper Pin 1 Input TP2IN Tamper Pin 2 Input TPCLR Tamper Pin RAM Clear VBAT Positive Battery Pin Input NF(3) No Function NC(3) No Connect |