전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25P64-VMF6G 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 M25P64-VMF6G
상세설명  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6G 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button M25P64-VMF6G Datasheet HTML 30Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 31Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 32Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 33Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 34Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 35Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 36Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 37Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37/38
M25P64
REVISION HISTORY
Table 18. Document Revision History
Date
Rev.
Description of Revision
28-Apr-2003
0.1
Target Specification Document written in brief form
15-May-2003
0.2
Target Specification Document written in full
20-Jun-2003
0.3
8x6 MLP8 and SO16(300 mil) packages added
18-Jul-2003
0.4
tPP, tSE and tBE revised
02-Sep-2003
0.5
Voltage supply range changed
19-Sep-2003
0.6
Table of contents, warning about exposed paddle on MLP8, and Pb-free options added
17-Dec-2003
0.7
Value of tVSL(min) VWI, tPP(typ) and tBE(typ) changed. MLP8 package removed.
15-Nov-2004
1.0
Document status promoted from Target Specification to Preliminary Data. 8x6 MLP8 package
added. Minor wording changes.
24-Feb-2005
2.0
Deep Power-Down mode removed from datasheet (Figure 19., Read Electronic Signature
(RES) Instruction Sequence and Data-Out Sequence modified and tRES1 and tRES2
removed from Table 14., AC Characteristics). SO16 Wide package specifications updated.
End timing line of tSHQZ modified in Figure 25., Output Timing. Figures moved below the
corresponding instructions in the INSTRUCTIONS section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38