전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D20FD60LU 데이터시트(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

부품명 D20FD60LU
상세설명  Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D20FD60LU 데이터시트(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D20FD60LU Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D20FD60LU Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D20FD60LU Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D20FD60LU Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Case Temperature Tc〔℃〕
Non-repetitive
Tj=25℃
1cycle
10ms10ms
Sine wave
80_D20FD60LU_ 特
Pulse measurement
順方向特性
Forward Voltage
100
10
0.1
1
0
12
6
4
5
3
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc=25℃(MAX)
Tc=25℃(TYP)
Forward Voltage VF〔V〕
Pulse measurement
Tc=150℃(TYP)
Tc=125℃(TYP)
Tc=100℃(TYP)
Tc=75℃(TYP)
逆方向特性
Reverse Current
0.01
0.1
1
1000
100
10
0
400
200
600
300
100
500
Reverse Voltage VR〔V〕
D=tp/T
T
tp
IO
Tj=150℃
順電力損失曲線
Forward Power Dissipation
80
100
60
40
20
0
DC
D=0.
8
0.
5
0.
3
0.
2
0.
2
0.
1
0.
05
SIN
Average Rectified Forward Current IO〔A〕
0
1020
15
35
25
30
5
0
5
10
15
40
35
30
25
20
0
20 40 60 80 100 120 140 160
DC
D=0.
8
0.
5
SIN
0.
3
0.
2
0.
1
0.
05
D=tp/T
VR=VRM
T
tp
0
0
IO
VR
ディレーティングカーブ
Derating Curve
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
100
50
150
250
200
0
Number of Cycles〔cycle〕
1
100
10
せん頭サージ順電流耐量
Peak Surge Forward Capability
300
200
400
500
100
0
Pulse Width tp〔ms〕
1
10
tp
Sine wave
Non-repetitive
Tj=25℃
Peak Surge Forward Current Derating
vs Junction Temperature
せん頭サージ順電流減少率 - 接合部温度
100
0
60
80
40
20
0
25
50
75
100
125
150
Junction Temperature Tj〔℃〕
10
100
1
600
接合容量
Junction Capacitance
1000
10
100
Reverse Voltage VR〔V〕
f=1MHz
Tc=25℃
TYP
過渡熱抵抗
Transient Thermal Impedance
10
0.01
1
0.1
10-4
10-2
10-3
10-1
100
101
102
Time t〔s〕



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com