전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LX5093XYC 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LX5093XYC
상세설명  T-5mm 590mm SUPER YELLOW LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX5093XYC 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LX5093XYC Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSL-LX5093XYC

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX5093XAC LUMEX-SSL-LX5093XAC Datasheet
53Kb / 1P
T-5mm 610mm AMBER, TAPERED LED
SSL-LX5093XGC LUMEX-SSL-LX5093XGC Datasheet
53Kb / 1P
T-5mm, 565nm green, tapered led, waterclear lens
SSL-LX5093XIC LUMEX-SSL-LX5093XIC Datasheet
53Kb / 1P
T-5mm 635mm RED, TAPERED LED
SSL-LX5093XOC LUMEX-SSL-LX5093XOC Datasheet
54Kb / 1P
T-5mm 610mm SUPER ORANGE LEd
SSL-LX5093XPGC LUMEX-SSL-LX5093XPGC Datasheet
53Kb / 1P
T-5mm 562mm SUPER PURE GREEN LED
More results

유사한 설명 - SSL-LX5093XYC

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX3044SYC LUMEX-SSL-LX3044SYC Datasheet
67Kb / 1P
T-3mm 590mm SUPER YELLOW LED
SSL-LX507DT3SYT LUMEX-SSL-LX507DT3SYT Datasheet
52Kb / 1P
T-5mm 590mm SUPER YELLOW DIMPLE TOP LED
SSL-LX507F3SYC LUMEX-SSL-LX507F3SYC Datasheet
52Kb / 1P
T-5mm 590mm SUPER YELLOW LED
SSL-LX507F3SYC-T LUMEX-SSL-LX507F3SYC-T Datasheet
53Kb / 1P
T-5mm 590mm SUPER YELLOW LED
SSL-LX5093SYD LUMEX-SSL-LX5093SYD Datasheet
68Kb / 1P
QUASARBRITE T-5mm 590mm SUPER YELLOW LED
SSL-LX5093SYT LUMEX-SSL-LX5093SYT Datasheet
68Kb / 1P
QUASARBRITE T-5mm 590mm SUPER YELLOW LED
SSL-LX5093TC LUMEX-SSL-LX5093TC Datasheet
70Kb / 1P
QUASARBRITE T-5mm 590mm SUPER YELLOW LED
SSL-LX5093XSYC LUMEX-SSL-LX5093XSYC Datasheet
53Kb / 1P
T-5mm 590mm SUPER YELLOW LED
SSL-LX50FT3SYC LUMEX-SSL-LX50FT3SYC Datasheet
51Kb / 1P
T-5mm 590mm SUPER YELLOW FLAT TOP LED
SSL-LX50FT3SYD LUMEX-SSL-LX50FT3SYD Datasheet
51Kb / 1P
T-5mm 590mm SUPER YELLOW
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com