전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24LA64AFMUH 데이터시트(PDF) 8 Page - ACE Technology Co., LTD.

부품명 ACE24LA64AFMUH
상세설명  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA64AFMUH 데이터시트(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE24LA64AFMUH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA64AFMUH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ACE24LA64A
Two-wire Serial EEPROM
VER 1.1
8
Sequential Read:
Sequential reads are initiated by either a current address read or a random address read. After the
microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM
receives an acknowledge, it will continue to increment the data word address and serially clock out
sequential data words. When
the memory address limit is reached, the data word address will “roll over”
and the sequential read will continue. The sequential read operation is terminated when the
microcontroller does not respond with a
“0” but does generate a following stop condition (see Figure 9).
Read Identification Page:
The Identification Page (32 bytes) is an additional page which can be
written and (later) permanently
locked in Read-only mode.
The Identification Page can be read by issuing an Read Identification Page instruction. This instruction
uses the same protocol and format as the Random Address Read (from memory array) with device type
identifier defined as 1011b. The MSB address bits B15/B6 are don't care, the LSB address bits B5/B0
define the byte address inside the Identification Page. The number of bytes to read in the ID page must
not exceed the page boundary (e.g.: when reading the Identification Page from location 10d, the number
of bytes should be less than or equal to 22, as the ID page boundary is 32 bytes)
Lock Identification Page:
The Lock Identification Page instruction (Lock ID) permanently locks the Identification page in Read-only
mode. The Lock ID instruction is similar to Byte Write (into memory array) with the following specific
conditions:
Device type identifier = 1011b
Address bit B10 must be „1‟; all other address bits are don't care
The data byte must be equal to the binary value xxxx xx1x, where x is don't care
B15
B14
B13
B12
B11
B10
B9
B8
Table 2.First Word Address
B7
B6
B5
B4
B3
B2
B1
B0
Table 3.Second Word Address
Figure 4: Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18