전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24LA64AFMTH 데이터시트(PDF) 11 Page - ACE Technology Co., LTD.

부품명 ACE24LA64AFMTH
상세설명  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA64AFMTH 데이터시트(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE24LA64AFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24LA64AFMTH Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ACE24LA64A
Two-wire Serial EEPROM
VER 1.1
11
AC Characteristics
Symbol
Parameter
1.7V≦VCC<2.5V
2.5V≦VCC≦5.5V
Units
Min
Typ
Max
Min
Typ
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
TLOW
Clock Pulse Width Low
0.6
0.6
s
THIGH
Clock Pulse Width High
0.4
0.4
s
TI
Noise Suppression Time
50
50
ns
TAA
Clock Low to Data Out Valid
0.1
0.55
0.1
0.55
s
TBUF
Time the bus must be free before a
new transmission can Start
0.5
0.5
s
THD.STA
Start Hold Time
0.25
0.25
s
TSU.STA
Start Setup Time
0.25
0.25
s
THD.DAT
Data In Hold Time
0
0
s
TSU.DAT
Data In Setup Time
100
100
ns
TR
Inputs Rise Time (1)
0.3
0.3
µs
TF
Inputs Fall Time (1)
0.3
0.3
µs
TSU.STO
Stop Setup Time
0.25
0.25
s
TDH
Data Out Hold Time
50
50
ns
TWR
Write Cycle Time
1.9
3
1.9
3
ms
Endurance
5.0V, 25℃, Page Mode
1M
Write
Cycles
Note:
1.
This parameter is characterized and is not 100% tested.
2.
AC measurement conditions: RL (connects to VCC): 1.3 k
Input pulse voltages: 0.3 VCC to 0.7 VCC Input rise and fall time: 50 ns
Input and output timing reference voltages: 0.5 VCC
The value of RL should be concerned according to the actual loading on the user's system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18