| 전자부품 데이터시트 검색엔진 |
|
ACE24LA64ADPTH 데이터시트(PDF) 11 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE24LA64ADPTH 데이터시트(HTML) 11 Page - ACE Technology Co., LTD. |
|
11 / 18 page ![]() ACE24LA64A Two-wire Serial EEPROM VER 1.1 11 AC Characteristics Symbol Parameter 1.7V≦VCC<2.5V 2.5V≦VCC≦5.5V Units Min Typ Max Min Typ Max fSCL Clock Frequency, SCL 400 1000 kHz TLOW Clock Pulse Width Low 0.6 0.6 s THIGH Clock Pulse Width High 0.4 0.4 s TI Noise Suppression Time 50 50 ns TAA Clock Low to Data Out Valid 0.1 0.55 0.1 0.55 s TBUF Time the bus must be free before a new transmission can Start 0.5 0.5 s THD.STA Start Hold Time 0.25 0.25 s TSU.STA Start Setup Time 0.25 0.25 s THD.DAT Data In Hold Time 0 0 s TSU.DAT Data In Setup Time 100 100 ns TR Inputs Rise Time (1) 0.3 0.3 µs TF Inputs Fall Time (1) 0.3 0.3 µs TSU.STO Stop Setup Time 0.25 0.25 s TDH Data Out Hold Time 50 50 ns TWR Write Cycle Time 1.9 3 1.9 3 ms Endurance 5.0V, 25℃, Page Mode 1M Write Cycles Note: 1. This parameter is characterized and is not 100% tested. 2. AC measurement conditions: RL (connects to VCC): 1.3 k Input pulse voltages: 0.3 VCC to 0.7 VCC Input rise and fall time: 50 ns Input and output timing reference voltages: 0.5 VCC The value of RL should be concerned according to the actual loading on the user's system. |