전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24LA02FMTH 데이터시트(PDF) 14 Page - ACE Technology Co., LTD.

부품명 ACE24LA02FMTH
상세설명  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LA02FMTH 데이터시트(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE24LA02FMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE24LA02FMTH Datasheet HTML 18Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ACE24LA02.04.08.16A
Two-wire Serial EEPROM
VER 1.1
14
Packaging information
SOP-8
SYMBOL
MIN
NOM
MAX
A
1.35
1.75
A1
0.10
0.25
b
0.31
0.51
C
0.17
0.25
D
4.80
5.00
E1
3.81
3.99
E
5.79
6.20
e
1.27BSC
L
0.40
1.27
Φ
0"
8"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com