전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C14454 데이터시트(PDF) 2 Page - Ledil, Inc.

부품명 C14454
상세설명  Florence Lens
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14454 데이터시트(HTML) 2 Page - Ledil, Inc.

  C14454 Datasheet HTML 1Page - Ledil, Inc. C14454 Datasheet HTML 2Page - Ledil, Inc. C14454 Datasheet HTML 3Page - Ledil, Inc. C14454 Datasheet HTML 4Page - Ledil, Inc. C14454 Datasheet HTML 5Page - Ledil, Inc. C14454 Datasheet HTML 6Page - Ledil, Inc. C14454 Datasheet HTML 7Page - Ledil, Inc. C14454 Datasheet HTML 8Page - Ledil, Inc. C14454 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Optics can be snapped
along this line and used
also as single parts.
*
A
H
B
G
3
2
4
1
SCALE
1:1
SHEET
1/1
SIZE
A3
DRAWING TITLE
Datasheet FLORENCE-1R-O
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
C14454
65.8
4.5
23.4
Left view
285.6
19.5
95
Bottom view
Approximate length of single optic
A
95.33
c/c
95.33
c/c
Top view
Oval beam
direction
1.55
7
Front view
Scale 4:1
Detail A
Scale 4:1
Snapping point *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com