전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OVSA1BBC2R8 데이터시트(PDF) 3 Page - TT Electronics.

부품명 OVSA1BBC2R8
상세설명  High intensity with low power consumption
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSA1BBC2R8 데이터시트(HTML) 3 Page - TT Electronics.

  OVSA1BBC2R8 Datasheet HTML 1Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 2Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 3Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 4Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 5Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 6Page - TT Electronics. OVSA1BBC2R8 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© TT electronics plc
Issue B
11/2016
Page 3
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OVSA1xBC2R8 Series
Standard Bins
LEDs are sorted to luminous intensity (IV) and dominant wavelength (nm) bins listed below. Each reel consists of a single
intensity bin and a single color bin. Orders are filled using all intensity and color bins listed in the following tables. Optek
will not accept orders for single intensity bins or single color bins.



Html Pages

1 2 3 4 5 6 7