전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OVSRRGBCC3 데이터시트(PDF) 4 Page - TT Electronics.

부품명 OVSRRGBCC3
상세설명  Full-color RGB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSRRGBCC3 데이터시트(HTML) 4 Page - TT Electronics.

  OVSRRGBCC3 Datasheet HTML 1Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 2Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 3Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 4Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 5Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 6Page - TT Electronics. OVSRRGBCC3 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
°
OVSRRGBCC3 / OVSRRGBCC3TM
© TT electronics plc
Issue F
11/2016
Page 4
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Recommended Pb Free IR-Reflow Solder Profile
Notes:
1. Exceeding the recommended temperatures and accelerating the heating and cooling pro-
cesses may cause electrical and/or optical failure.
2. Solder dipping method is not recommended. Optek cannot guarantee the LEDs after as-
sembly using the solder dipping method.
Recommended Solder Patterns



Html Pages

1 2 3 4 5 6 7