전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSL29K 데이터시트(PDF) 15 Page - OSRAM GmbH

부품명 LSL29K
상세설명  LCD Backlighting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSL29K 데이터시트(HTML) 15 Page - OSRAM GmbH

Back Button LSL29K_12 Datasheet HTML 11Page - OSRAM GmbH LSL29K_12 Datasheet HTML 12Page - OSRAM GmbH LSL29K_12 Datasheet HTML 13Page - OSRAM GmbH LSL29K_12 Datasheet HTML 14Page - OSRAM GmbH LSL29K_12 Datasheet HTML 15Page - OSRAM GmbH LSL29K_12 Datasheet HTML 16Page - OSRAM GmbH LSL29K_12 Datasheet HTML 17Page - OSRAM GmbH LSL29K_12 Datasheet HTML 18Page - OSRAM GmbH LSL29K_12 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Version 1.0 (Replacement in due course)
LS L29K
2012-10-01
15
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
o
ist
u
re
L
ev
e
l 3
F
lo
or
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
Le
ve
l 6
F
lo
o
r tim
e
6
H
o
ur
s
a
)
H
u
m
idit
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
ad
a
t 2
3
˚C
±
5
˚C,
o
r
re
flo
w
, v
a
p
or-
p
h
as
e
ref
lo
w
, o
r
e
q
u
iv
a
le
nt
p
roc
es
s
in
g
(p
e
a
k
p
a
c
k
ag
e
2
. A
fte
r t
h
is
b
a
g
is
o
p
en
e
d
,
de
v
ic
e
s
th
a
t
w
ill
b
e
s
u
b
je
c
ted
to
in
fra
re
d
1.
S
h
e
lf
li
fe
i
n
s
ea
le
d
b
a
g
:
2
4
m
on
ths
at
<
4
0
˚
C
a
n
d
<
9
0
%
re
lat
ive
hu
m
id
ity
(R
H
).
M
o
is
tu
re
L
e
v
e
l 5
a
at
f
ac
tor
y
c
o
nd
iti
on
s
of
(if
b
lan
k
, s
e
a
l
da
te
is
id
e
n
ti
c
al
w
ith
d
a
te
c
o
d
e).
a
) M
o
un
ted
w
ith
in
b
) S
to
re
d
a
t
b
o
d
y
t
e
m
p
.
3
.
D
e
v
ic
es
re
q
u
ir
e
b
a
k
in
g,
b
e
fo
re
m
ou
n
tin
g
, if:
B
a
g
s
e
a
l
d
at
e
M
o
is
tu
re
L
e
ve
l 1
M
o
is
tu
re
L
e
ve
l 2
M
o
is
tu
re
L
e
v
e
l
2
a
4.
I
f
b
a
k
in
g
is
re
q
u
ire
d
,
b
)
2
a
or
2
b
is
n
o
t
m
et
.
D
at
e
a
nd
tim
e
op
e
n
ed
:
ref
e
re
n
c
e
IP
C
/JE
D
E
C
J
-S
T
D
-0
3
3
fo
r
b
a
k
e
p
roc
e
d
u
re.
F
loo
r t
im
e
s
ee
b
e
low
If
b
la
nk
, s
e
e
b
a
r c
o
d
e
la
b
e
l
F
lo
o
r
ti
m
e
>
1
Y
e
a
r
F
lo
o
r t
im
e
1
Y
ea
r
F
lo
or
t
im
e
4
W
e
e
k
s
1
0%
R
H
.
_
<
M
oi
s
tu
re
L
e
v
el
4
M
ois
tu
re
L
e
v
e
l
5
˚C
).
O
P
T
O
S
EM
IC
O
N
D
U
CT
O
R
S
M
O
IS
TU
R
E
S
E
N
S
IT
IV
E
Th
is
b
ag
co
nta
in
s
C
A
U
T
IO
N
F
lo
o
r tim
e
72
H
o
urs
F
lo
o
r t
im
e
48
H
o
u
rs
F
loo
r
tim
e
2
4
H
o
u
rs
3
0
˚C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
, s
e
e
b
a
r
c
o
d
e
la
b
e
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com