전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPF520 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about OPF520 Datasheet

  • # Example questions: ➢ What fiber optic cable type is used in the example waveforms provided in the performance section?
    ➢ What is the typical rise time (tr) of the receiver?
    ➢ What is the maximum supply voltage that the opf520 fiber optic receiver can withstand?

  • Part No.OPF520
    ManufacturerTTELEC
    Size394 Kbytes
    Pages9 pages
    DescriptionFiber Optic Receiver
    Datasheet Summary with AI

    # Fiber Optic Receiver OPF520 Series

    ## Features
    · Low Cost plastic cap package
    · Self aligning design for standard fiber optic receptacles
    · Press fit installation
    · Optimized for 50 to 200 micron fiber optic applications

    ## Description
    · High performance receiver for data communication links
    · Works with 50µm to 200µm fiber core diameters
    · Compatible with TTL and CMOS logic
    · Requires a 5V supply and bypass capacitor for optimal operation

    ## Applications
    · Industrial Ethernet equipment
    · Copper-to-fiber media conversion
    · Intra-system fiber optic links
    · Video surveillance systems

    ## Part Ordering Information
    · OPF520: Plastic Cap Component
    · OPF522: Metal ST Receptacle

    ## Electrical Specifications (Absolute Maximum Ratings)
    · Storage Temperature: 55°C to +115°C
    · Operating Temperature: -40°C to +85°C
    · Supply Voltage: -0.5V to +7.0V
    · Output Current: 25mA

    ## Electrical Characteristics
    · Detailed table of parameters including IOH, VOL, ICCH, ICCL, POC(H), POC(L), tr, tf, tPDHL, tPDLH, and PWD with min, typ, and max values. (See datasheet for full table).

    ## Performance
    · Switching characteristics detailed in accompanying diagrams and data.
    · Typical waveforms provided for various input powers, frequencies, and fiber cables. (See datasheet for diagrams).

    # Fiber Optic Receiver OPF520 Series

    ## Features
    · Low Cost plastic cap package
    · Self aligning design for standard fiber optic receptacles
    · Press fit installation
    · Optimized for 50 to 200 micron fiber optic applications

    ## Description
    · High performance receiver for data communication links
    · Works with 50µm to 200µm fiber core diameters
    · Compatible with TTL and CMOS logic
    · Requires a 5V supply and bypass capacitor for optimal operation

    ## Applications
    · Industrial Ethernet equipment
    · Copper-to-fiber media conversion
    · Intra-system fiber optic links
    · Video surveillance systems

    ## Part Ordering Information
    · OPF520: Plastic Cap Component
    · OPF522: Metal ST Receptacle

    ## Electrical Specifications (Absolute Maximum Ratings)
    · Storage Temperature: 55°C to +115°C
    · Operating Temperature: -40°C to +85°C
    · Supply Voltage: -0.5V to +7.0V
    · Output Current: 25mA

    ## Electrical Characteristics
    · Detailed table of parameters including IOH, VOL, ICCH, ICCL, POC(H), POC(L), tr, tf, tPDHL, tPDLH, and PWD with min, typ, and max values. (See datasheet for full table).

    ## Performance
    · Switching characteristics detailed in accompanying diagrams and data.
    · Typical waveforms provided for various input powers, frequencies, and fiber cables. (See datasheet for diagrams).

    Part No.OPF520
    ManufacturerTTELEC
    Size394 Kbytes
    Pages9 pages
    DescriptionFiber Optic Receiver