전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPF520 데이터시트(PDF) 1 Page - TT Electronics.

부품명 OPF520
상세설명  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF520 데이터시트(HTML) 1 Page - TT Electronics.

  OPF520 Datasheet HTML 1Page - TT Electronics. OPF520 Datasheet HTML 2Page - TT Electronics. OPF520 Datasheet HTML 3Page - TT Electronics. OPF520 Datasheet HTML 4Page - TT Electronics. OPF520 Datasheet HTML 5Page - TT Electronics. OPF520 Datasheet HTML 6Page - TT Electronics. OPF520 Datasheet HTML 7Page - TT Electronics. OPF520 Datasheet HTML 8Page - TT Electronics. OPF520 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Fiber Optic Receiver
OPF520 Series
© TT electronics plc
Issue D
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPF520 series fiber optic receiver is a high performance device packaged for data communications links. As such, it is
designed to work with fiber core diameters from 50µm to 200µm and over a broad input power range. The construction
contains a monolithic photo-IC comprised of a photodiode, biasing network, DC amplifier and an open collector output
transistor. The output circuitry makes this device compatible with TTL and CMOS logic.
This receiver is designed to operate from a single 5V supply. It is essential that a bypass capacitor be connected from VCC to
GND in order to ensure the best possible operation.
Applications:
Industrial Ethernet equipment
Copper-to-fiber media conversion
Intra-system fiber op c links
Video surveillance systems
Features:
Low Cost plas c cap package
Designed to self align in the bore of standard fiber op c receptacles
Press fit simplifies installa on
Op mized for fiber op c applica ons using 50 to 200 micron fiber
Part Number
Descrip on
OPF520
Plas c Cap Component
OPF522
Metal ST Receptacle
Part Ordering Informa on
RoHS
Recommended Test Circuit


유사한 부품 번호 - OPF520

제조업체부품명데이터시트상세설명
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
5 MBd Fiber Optic Receiver
August 1996
OPF520 OPTEK-OPF520_14 Datasheet
318Kb / 9P
Fiber Optic Receiver
More results

유사한 설명 - OPF520

제조업체부품명데이터시트상세설명
logo
Unity Opto Technology
MOF-R3C2 UOT-MOF-R3C2 Datasheet
345Kb / 4P
Fiber Optic Receiver
MOF-R3C3 UOT-MOF-R3C3 Datasheet
349Kb / 4P
Fiber Optic Receiver
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-R3K3 UOT-MOF-R3K3 Datasheet
63Kb / 4P
Fiber Optic Receiver
logo
KODENSHI_AUK CORP.
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
Fiber Optic Receiver
logo
TT Electronics.
OPF2412 TTELEC-OPF2412 Datasheet
453Kb / 3P
Fiber Optic Receiver
OPF2416 TTELEC-OPF2416 Datasheet
719Kb / 5P
Fiber Optic Receiver
OPF2418 TTELEC-OPF2418 Datasheet
652Kb / 3P
Fiber Optic Receiver
logo
National Semiconductor ...
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
Fiber-Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com