전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPF520 데이터시트(PDF) 8 Page - TT Electronics.

부품명 OPF520
상세설명  Fiber Optic Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF520 데이터시트(HTML) 8 Page - TT Electronics.

  OPF520 Datasheet HTML 1Page - TT Electronics. OPF520 Datasheet HTML 2Page - TT Electronics. OPF520 Datasheet HTML 3Page - TT Electronics. OPF520 Datasheet HTML 4Page - TT Electronics. OPF520 Datasheet HTML 5Page - TT Electronics. OPF520 Datasheet HTML 6Page - TT Electronics. OPF520 Datasheet HTML 7Page - TT Electronics. OPF520 Datasheet HTML 8Page - TT Electronics. OPF520 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Receiver
OPF520 Series
Issue D
08/2016
Page 8
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Performance
Typical Waveforms for
Various Frequencies
(62.5/125 μm fiber, VCC = 5.25 V, POC = 10μW (peak)
(See Recommended Test Circuit)



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com