| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MG02405HA Datasheet
# Example questions:
➢ What is the typical lifetime of these power supplies when operating at 25°c?
➢ What is the maximum operating temperature specified for these power supplies?
➢ What level of radiated emissions (re) do these power supplies meet?
This is a comprehensive datasheet for a DC-DC power supply, likely intended for industrial or consumer electronics applications. Here's a breakdown of the information provided, organized for clarity:
1. General Information & Legal:
️· Manufacturer: Implied to be "Mornsun" (likely based on trademarks/logos not shown here).
️· Datasheet Purpose: Detailed specifications and characteristics of a DC-DC power supply.
️· Legal Disclaimer: Standard disclaimer about the accuracy of the information and potential changes without notice.
2. Product Overview & Key Features (Inferred):
️· Type: DC-DC power supply (likely switched-mode, but not explicitly stated).
️· Application: Suitable for various electronics, indicated by the safety standard compliance (IT, AV, Home Appliances, Lighting).
️· Customization: Offers casing color customization.
️· Safety & EMC: Complies with relevant safety (EN60950, EN60065, EN61558-2-16, EN61347) and Electromagnetic Compatibility (EMC) standards.
3. Electrical Specifications (Detailed):
️· Input Voltage: Not explicitly listed, but likely wide range based on the variety of output voltages supported.
️· Output Voltages: Supports 5V, 5.5V, 9V, 12V, 15V, 18V and 24V output voltages.
️· Efficiency: Not specified
️· Ripple & Noise: Measured at 20MHz bandwidth, output terminated with capacitors.
️· Protections:
- Over Voltage: 110%-150% of rated output voltage.
- Over Current: 110%-200% self-recovery.
- Short Circuit: Hiccup mode, continuous self-recovery.
️· Isolation: 3000 VAC for 1 minute, leakage current < 5mA.
️· Insulation Resistance: > 100 MΩ at 500VDC.
️· Leakage Current: <0.25mA at 240VAC.
4. Environmental Specifications:
️· Operating Temperature: -10°C to +40°C.
️· Storage Temperature: -25°C to +70°C.
️· Operating Humidity: 0% to 90% RH.
️· Storage Humidity: 0% to 95% RH.
️· Altitude: Up to 2000 meters.
️· Lifetime: 2 years at 25°C.
️· MTBF: 50,000 hours (MIL-HDBK-217F).
5. Physical Specifications:
️· Casing Material: PC (Polycarbonate), 94V-0 flammability rating.
️· Color: Black or White (customizable).
️· Dimensions: (L)88.50mm x (W)49.00mm x (H)38.00mm.
️· Weight: 122g (typical).
️· Cooling: Free air convection.
6. Included Accessories (Bill of Materials - BOM):
️· Cable: UL2468 cable (various gauges and lengths) depending on output voltage.
️· Plug: DC Plug with dimensions 5.5mm x 2.1mm x 10mm.
7. EMC & Safety Standards:
️· EMI (Re): EN55032, Class B
️· EMI (CE): EN55032, Class B
️· EMS (ESD): IEC/EN61000-4-2, Contact ±8KV, Air ±15KV (Performance Criteria B) – Standard version is lower.
️· EMS (RS): IEC61000-4-3, 3V/m (Performance Criteria A) – Standard version is lower.
️· EMS (CS): IEC61000-4-6, 3Vrms (Performance Criteria A) – Standard version is lower.
️· EMS (Surge): IEC/EN61000-4-5, ±6KV/±6KV (Performance Criteria B) – Standard version is lower.
This comprehensive datasheet provides a thorough understanding of the power supply’s capabilities and specifications, allowing engineers to confidently select and integrate it into their designs.
This is a comprehensive datasheet for a DC-DC power supply, likely intended for industrial or consumer electronics applications. Here's a breakdown of the information provided, organized for clarity:
1. General Information & Legal:
️· Manufacturer: Implied to be "Mornsun" (likely based on trademarks/logos not shown here).
️· Datasheet Purpose: Detailed specifications and characteristics of a DC-DC power supply.
️· Legal Disclaimer: Standard disclaimer about the accuracy of the information and potential changes without notice.
2. Product Overview & Key Features (Inferred):
️· Type: DC-DC power supply (likely switched-mode, but not explicitly stated).
️· Application: Suitable for various electronics, indicated by the safety standard compliance (IT, AV, Home Appliances, Lighting).
️· Customization: Offers casing color customization.
️· Safety & EMC: Complies with relevant safety (EN60950, EN60065, EN61558-2-16, EN61347) and Electromagnetic Compatibility (EMC) standards.
3. Electrical Specifications (Detailed):
️· Input Voltage: Not explicitly listed, but likely wide range based on the variety of output voltages supported.
️· Output Voltages: Supports 5V, 5.5V, 9V, 12V, 15V, 18V and 24V output voltages.
️· Efficiency: Not specified
️· Ripple & Noise: Measured at 20MHz bandwidth, output terminated with capacitors.
️· Protections:
- Over Voltage: 110%-150% of rated output voltage.
- Over Current: 110%-200% self-recovery.
- Short Circuit: Hiccup mode, continuous self-recovery.
️· Isolation: 3000 VAC for 1 minute, leakage current < 5mA.
️· Insulation Resistance: > 100 MΩ at 500VDC.
️· Leakage Current: <0.25mA at 240VAC.
4. Environmental Specifications:
️· Operating Temperature: -10°C to +40°C.
️· Storage Temperature: -25°C to +70°C.
️· Operating Humidity: 0% to 90% RH.
️· Storage Humidity: 0% to 95% RH.
️· Altitude: Up to 2000 meters.
️· Lifetime: 2 years at 25°C.
️· MTBF: 50,000 hours (MIL-HDBK-217F).
5. Physical Specifications:
️· Casing Material: PC (Polycarbonate), 94V-0 flammability rating.
️· Color: Black or White (customizable).
️· Dimensions: (L)88.50mm x (W)49.00mm x (H)38.00mm.
️· Weight: 122g (typical).
️· Cooling: Free air convection.
6. Included Accessories (Bill of Materials - BOM):
️· Cable: UL2468 cable (various gauges and lengths) depending on output voltage.
️· Plug: DC Plug with dimensions 5.5mm x 2.1mm x 10mm.
7. EMC & Safety Standards:
️· EMI (Re): EN55032, Class B
️· EMI (CE): EN55032, Class B
️· EMS (ESD): IEC/EN61000-4-2, Contact ±8KV, Air ±15KV (Performance Criteria B) – Standard version is lower.
️· EMS (RS): IEC61000-4-3, 3V/m (Performance Criteria A) – Standard version is lower.
️· EMS (CS): IEC61000-4-6, 3Vrms (Performance Criteria A) – Standard version is lower.
️· EMS (Surge): IEC/EN61000-4-5, ±6KV/±6KV (Performance Criteria B) – Standard version is lower.
This comprehensive datasheet provides a thorough understanding of the power supply’s capabilities and specifications, allowing engineers to confidently select and integrate it into their designs.
| Part No. | MG02405HA |
| Manufacturer | MORNSUN |
| Size | 436 Kbytes |
| Pages | 4 pages |
| Description | 24W AC/DC Adapter |