전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MG02405HA 데이터시트(PDF) 3 Page - MORNSUN Science& Technology Ltd.

부품명 MG02405HA
상세설명  24W AC/DC Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MG02405HA 데이터시트(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  MG02405HA Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MG02405HA Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MG02405HA Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MG02405HA Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
24W AC/DC Adapter
MG024-HA Series
2018.04.24-A/2
Page 3 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Mechanical Drawing
Remark:
No display tolerance: ±0.5
Unit: mm
DC Wire Drawing
Note:
1.Compliance with RoHS
2.No display tolerance: ±0.5
3.Unit: mm
NO.
ITEM
Q’ TY
DESCRIPTION
01
CABLE
1PCS
5V/9V UL2468 18AWG/2C 80℃/300V L=1500mm
12V/15V UL2468 20AWG/2C 80℃/300V L=1500mm
18V/24V UL2468 22AWG/2C 80℃/300V L=1500mm
02
PLUG
1PCS
DC PLUG:5.5*2.1*10



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com