전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MG02405HA 데이터시트(PDF) 2 Page - MORNSUN Science& Technology Ltd.

부품명 MG02405HA
상세설명  24W AC/DC Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MG02405HA 데이터시트(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  MG02405HA Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MG02405HA Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MG02405HA Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. MG02405HA Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
24W AC/DC Adapter
MG024-HA Series
2018.04.24-A/2
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, Test 1 minute, leakage current<5mA
3000
--
--
VAC
Insulation Resistance
Input-output, add 500Vdc test voltage
100
--
--
Operating Temperature
-10
--
40
°C
Storage Temperature
-25
--
70
Operating Humidity
--
--
90
%RH
Storage Humidity
--
--
95
Altitude
--
--
2000
m
Lifetime
25°C
2
years
MTBF
MIL-HDBK-217F (25°C)
50000
--
--
hours
Physical Specifications
Casing Material
PC,120°C 94V-0
Color
Black/White(Other color can be designed by customization)
Dimension
(L)88.50mm*(W)49.00mm*(H)38.00mm
Weight
122g(Typ.)
Cooling Method
Free air convection
EMC Specifications
EMI
RE
EN55032, CLASS B
CLASS
CE
EN55032, CLASS B
EMS
ESD(MAX)
IEC/EN61000-4-2
Contact ±8KV/Air ±15KV
perf. Criteria B
RS
IEC61000-4-3 3V/m
perf. Criteria A
CS
IEC61000-4-6 3Vrms
perf. Criteria A
Surge(MAX)
IEC/EN61000-4-5 ±6KV/ ±6KV
perf. Criteria B
Note: standard ESD contact ±4KV/Air ±8KV, Surge ±1KV/ ±1KV.
Safety Standards
Application fields
Standard
Status
Note
IT
BS EN60950
Approved
AV
BS EN60065
Meet
Home appliances BS EN61558-2-16
Meet
Lighting
BS EN61347
Meet



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com