전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-411031440 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SD-411031440 Datasheet

  • # Example questions: ➢ What is the specified temperature rating for this connector?
    ➢ What is the part number for this micro circular connector assembly?
    ➢ What material are the pin contacts made of, according to the drawing?

  • Part No.SD-411031440
    ManufacturerULTI-MATE
    Size121 Kbytes
    Pages1 page
    DescriptionMicro Circular Wired 5 Pin No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 200 Max Temp No QPL
    Datasheet Summary with AI

    # MICRO CIRCULAR CONNECTOR ASSEMBLY, RP0P-05P-24M5-24.0-HT, HIGH-TEMP

    ## General Information
    ️· Part Number: SD-411031440
    ️· Revision: C
    ️· Date: 2/17/21
    ️· Cage Code: 58967

    ## Materials
    ️· Insulator: LCP E130i, Black
    ️· Pin Contacts: C17410 Beryllium Copper (ASTM B768), Gold Plated (ASTM B488)
    ️· Wires: 24 AWG (SAE-AS22759/11-24), Color Code per MIL-STD-681

    ## Performance Specifications
    ️· Current Rating: 3 Amps Max
    ️· DWV: 600 VAC
    ️· Temperature Rating: -55°C to 200°C

    ## Marking & Identification
    ️· Marking: Bag and Tag with "UMI", Date Code, UMI Part Number, UMI Work Order Number


    ## Dimensions
    ️· See drawing for detailed dimensions (.085, .032, .220, .322 Max, .187, .09 Max, 24.00)
    ️· Wire Gauge: 24 AWG
    ️· Wire Colors: Black, Brown, Red, Orange, Yellow

    # MICRO CIRCULAR CONNECTOR ASSEMBLY, RP0P-05P-24M5-24.0-HT, HIGH-TEMP

    ## General Information
    ️· Part Number: SD-411031440
    ️· Revision: C
    ️· Date: 2/17/21
    ️· Cage Code: 58967

    ## Materials
    ️· Insulator: LCP E130i, Black
    ️· Pin Contacts: C17410 Beryllium Copper (ASTM B768), Gold Plated (ASTM B488)
    ️· Wires: 24 AWG (SAE-AS22759/11-24), Color Code per MIL-STD-681

    ## Performance Specifications
    ️· Current Rating: 3 Amps Max
    ️· DWV: 600 VAC
    ️· Temperature Rating: -55°C to 200°C

    ## Marking & Identification
    ️· Marking: Bag and Tag with "UMI", Date Code, UMI Part Number, UMI Work Order Number

    ## Dimensions
    ️· See drawing for detailed dimensions (.085, .032, .220, .322 Max, .187, .09 Max, 24.00)
    ️· Wire Gauge: 24 AWG
    ️· Wire Colors: Black, Brown, Red, Orange, Yellow

    Part No.SD-411031440
    ManufacturerULTI-MATE
    Size121 Kbytes
    Pages1 page
    DescriptionMicro Circular Wired 5 Pin No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 200 Max Temp No QPL