전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-411031440 데이터시트(PDF) 1 Page - Ulti-Mate Connector Inc

부품명 SD-411031440
상세설명  Micro Circular Wired 5 Pin No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 200 Max Temp No QPL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ULTI-MATE [Ulti-Mate Connector Inc]
홈페이지  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

SD-411031440 데이터시트(HTML) 1 Page - Ulti-Mate Connector Inc

  SD-411031440 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R.085
.032
.220
PIN 1
PIN 3
PIN 4
PIN 5
.322 MAX.
.187
.09 MAX.
24.00
EPOXY WICKING
TYP.
24 AWG PER
SAE-AS22759/11
TYP.
-
1 of 1
411031440
SD-411031440.slddrw
DU 2/17/21
NONE
NONE
MICRO CIRCULAR CONNECTOR ASSEMBLY,
RP0P-05P-24M5-24.0-HT, HIGH-TEMP
SD-411031440
2
SD-411031440
-
-
2/17/21
NOTES: UNLESS OTHERWISE SPECIFIED.
DW 2/17/21
DW 2/17/21
UMI7667
DW
DU
2
MATERIALS:
INSULATOR: LCP E130i, COLOR: BLACK
PIN CONTACTS: C17410 BERYLLIUM COPPER PER ASTM B768, GOLD PLATED PER ASTM B488
WIRES: 24 AWG PER SAE-AS22759/11-24, COLOR CODE PER MIL-STD-681
3. PERFORMANCE SPECIFICATIONS:
CURRENT RATING: 3 AMPS MAX.
DWV: 600 VAC
TEMPERATURE RATING: -55 C TO 200 C
4. CONTACT HEIGHTS ARE TO BE PER QA-STD-101.
1. MARKING: BAG AND TAG WITH: "UMI", DATE CODE, UMI PART NUMBER, UMI WORK ORDER NUMBER
+2.00
-0.00
1
2
3
4
5
BLK
BRN
RED
ORG
YEL
FLAT
ENG PROJECT #:
NO SYMBOLS
= MINOR
DIMENSIONS
REL BY
APPVD BY
ECN NO.
DATE
DWG
ISSUE
PART
REV
C
CRITICAL
MAJOR
QUALITY
SYMBOLS
ANGULAR 2
2 PLACES .01
3 PLACES .005
GENERAL TOLERANCES:
58967
ULTI-MATE CAGE CODE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
PART REV.
SHEET NO.
DRAWING NO.
MATERIAL:
TITLE:
CAD FILE NAME
APPROVED BY & DATE
CHECKED BY & DATE
DRAWN BY & DATE
UNLESS OTHERWISE SPECIFIED:
ALL DIMENSIONS ARE IN INCHES
B
SCALE
DWG SIZE
PART NO.
THIRD ANGLE
PROJECTION
REVISE ON CAD ONLY
2
3
4
5
6
7
8
9
10
F
E
D
C
B
A


유사한 부품 번호 - SD-411031440

제조업체부품명데이터시트상세설명
logo
Ulti-Mate Connector Inc
SD-411051800 ULTI-MATE-SD-411051800 Datasheet
44Kb / 1P
Micro Circular Wired 7 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
09-06-19
SD-411071810 ULTI-MATE-SD-411071810 Datasheet
45Kb / 1P
Micro Circular Wired 9 Pin No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 200 Max Temp No QPL
09-12-19
More results

유사한 설명 - SD-411031440

제조업체부품명데이터시트상세설명
logo
Ulti-Mate Connector Inc
SD-412031440 ULTI-MATE-SD-412031440 Datasheet
134Kb / 1P
Micro Circular Wired 5 Socket No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 200 Max Temp No QPL
2/17/21
SD-434131180 ULTI-MATE-SD-434131180 Datasheet
257Kb / 1P
Micro-D Wired Standard Profile 21 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
7/28/15
SD-811031120 ULTI-MATE-SD-811031120 Datasheet
43Kb / 1P
Micro Circular Wired 5 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13
SD-811041120 ULTI-MATE-SD-811041120 Datasheet
45Kb / 1P
Micro Circular Wired 12 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
06-12-19
SD-811051120 ULTI-MATE-SD-811051120 Datasheet
44Kb / 1P
Micro Circular Wired 7 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
07-07-15
SD-811081120 ULTI-MATE-SD-811081120 Datasheet
47Kb / 1P
Micro Circular Wired 16 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
10-19-18
SD-812031120 ULTI-MATE-SD-812031120 Datasheet
43Kb / 1P
Micro Circular Wired 5 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13
SD-812051120 ULTI-MATE-SD-812051120 Datasheet
44Kb / 1P
Micro Circular Wired 7 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
07-07-15
SD-834141270 ULTI-MATE-SD-834141270 Datasheet
42Kb / 1P
Micro-D Wired Standard Profile 25 Pin No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 48 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
11-2-15
SD-834528180 ULTI-MATE-SD-834528180 Datasheet
42Kb / 1P
Micro-D Wired Low Profile 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-11-07
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com