| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Ulti-Mate Connector Inc |
SD-412031440
|
134Kb / 1P |
Micro Circular Wired 5 Socket No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 24 Inches Wire Length Plastic Shell 200 Max Temp No QPL
2/17/21 |
|
SD-434131180
|
257Kb / 1P |
Micro-D Wired Standard Profile 21 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
7/28/15 |
|
SD-811031120
|
43Kb / 1P |
Micro Circular Wired 5 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13 |
|
SD-811041120
|
45Kb / 1P |
Micro Circular Wired 12 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
06-12-19 |
|
SD-811051120
|
44Kb / 1P |
Micro Circular Wired 7 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
07-07-15 |
|
SD-811081120
|
47Kb / 1P |
Micro Circular Wired 16 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
10-19-18 |
|
SD-812031120
|
43Kb / 1P |
Micro Circular Wired 5 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13 |
|
SD-812051120
|
44Kb / 1P |
Micro Circular Wired 7 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
07-07-15 |
|
SD-834141270
|
42Kb / 1P |
Micro-D Wired Standard Profile 25 Pin No Hardware 24 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 48 Inches Wire Length Nickel Metal Shell 125 Max Temp No QPL
11-2-15 |
|
SD-834528180
|
42Kb / 1P |
Micro-D Wired Low Profile 15 Pin No Hardware 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
7-11-07 |