전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8058 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RT8058 Datasheet

  • # Example questions: ➢ What is the primary function of the 'slope compensation' feature in the rt8058?
    ➢ Explain how the output voltage of the rt8058 is determined based on external components, and provide the relevant equation.
    ➢ Describe the function of both the thermal protection and the short-circuit protection features.

  • Part No.RT8058
    ManufacturerRICHTEK
    Size237 Kbytes
    Pages15 pages
    Description1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
    Datasheet Summary with AI

    This document is a datasheet and application information guide for the Richtek RT8058, a 1MHz constant frequency, current mode PWM step-down (buck) converter. Here's a summary of the key information:

    Core Functionality:

    ️· Step-Down Converter: The RT8058 efficiently converts a higher DC voltage to a lower DC voltage.
    ️· High Switching Frequency: Operates at 1MHz, enabling smaller external components and faster transient response.
    ️· Current Mode Control: Offers improved stability and line regulation.

    Key Features & Protections:

    ️· Input Voltage: 2.7V to (typical maximum is not explicitly given, but implied to be higher)
    ️· Output Voltage: Adjustable from 0.8V to 5V.
    ️· Soft Start: Reduces inrush current during startup.
    ️· Enable Pin: Allows for external control of the converter.
    ️· Current Limit Protection: Cycle-by-cycle protection against overload conditions.
    ️· Short-Circuit Protection: Locks the output high-z to protect the converter
    ️· Thermal Shutdown: Protects against overheating.
    ️· Under Voltage Protection: Protects against low input voltages.

    Design Considerations (detailed within the document):


    ️· Output Voltage Programming: Uses an external resistor divider to set the desired output voltage.
    ️· Inductor Selection: Crucial parameter impacting ripple current, efficiency, and size. The datasheet provides equations for calculating the required inductance.
    ️· Capacitor Selection: Detailed guidance on selecting both input (CIN) and output (COUT) capacitors based on RMS current, ESR, and ripple voltage requirements.
    ️· Inductor Core Material: Guidance on selecting appropriate core material (ferrite, powdered iron, etc.) based on frequency and efficiency goals.
    ️· Slope Compensation: Ensures stability in constant-frequency architectures.

    Target Applications:

    The RT8058 is suitable for applications requiring high efficiency, small size, and a regulated DC output, such as:

    ️· Portable devices
    ️· Battery-powered equipment
    ️· Point-of-load regulation
    ️· General-purpose DC-DC conversion



    In essence, this document provides everything a design engineer needs to understand, implement, and optimize the RT8058 in their application. It's a fairly comprehensive guide, covering both the functional aspects of the chip and the practical considerations for building a robust and efficient power supply.

    Core Functionality:

    ️· Step-Down Converter: The RT8058 efficiently converts a higher DC voltage to a lower DC voltage.
    ️· High Switching Frequency: Operates at 1MHz, enabling smaller external components and faster transient response.
    ️· Current Mode Control: Offers improved stability and line regulation.

    Key Features & Protections:

    ️· Input Voltage: 2.7V to (typical maximum is not explicitly given, but implied to be higher)
    ️· Output Voltage: Adjustable from 0.8V to 5V.
    ️· Soft Start: Reduces inrush current during startup.
    ️· Enable Pin: Allows for external control of the converter.
    ️· Current Limit Protection: Cycle-by-cycle protection against overload conditions.
    ️· Short-Circuit Protection: Locks the output high-z to protect the converter
    ️· Thermal Shutdown: Protects against overheating.
    ️· Under Voltage Protection: Protects against low input voltages.

    Design Considerations (detailed within the document):

    ️· Output Voltage Programming: Uses an external resistor divider to set the desired output voltage.
    ️· Inductor Selection: Crucial parameter impacting ripple current, efficiency, and size. The datasheet provides equations for calculating the required inductance.
    ️· Capacitor Selection: Detailed guidance on selecting both input (CIN) and output (COUT) capacitors based on RMS current, ESR, and ripple voltage requirements.
    ️· Inductor Core Material: Guidance on selecting appropriate core material (ferrite, powdered iron, etc.) based on frequency and efficiency goals.
    ️· Slope Compensation: Ensures stability in constant-frequency architectures.

    Target Applications:

    The RT8058 is suitable for applications requiring high efficiency, small size, and a regulated DC output, such as:

    ️· Portable devices
    ️· Battery-powered equipment
    ️· Point-of-load regulation
    ️· General-purpose DC-DC conversion



    In essence, this document provides everything a design engineer needs to understand, implement, and optimize the RT8058 in their application. It's a fairly comprehensive guide, covering both the functional aspects of the chip and the practical considerations for building a robust and efficient power supply.

    Part No.RT8058
    ManufacturerRICHTEK
    Size237 Kbytes
    Pages15 pages
    Description1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter