전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8058 데이터시트(PDF) 2 Page - Richtek Technology Corporation

부품명 RT8058
상세설명  1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8058 데이터시트(HTML) 2 Page - Richtek Technology Corporation

  RT8058 Datasheet HTML 1Page - Richtek Technology Corporation RT8058 Datasheet HTML 2Page - Richtek Technology Corporation RT8058 Datasheet HTML 3Page - Richtek Technology Corporation RT8058 Datasheet HTML 4Page - Richtek Technology Corporation RT8058 Datasheet HTML 5Page - Richtek Technology Corporation RT8058 Datasheet HTML 6Page - Richtek Technology Corporation RT8058 Datasheet HTML 7Page - Richtek Technology Corporation RT8058 Datasheet HTML 8Page - Richtek Technology Corporation RT8058 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8058
Preliminary
2
DS8058-02 August 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 2, 3
Exposed Pad (17)
PGND
Power Ground. Connect this pin close to the (
–) terminal of CIN and COUT. The
exposed pad must be soldered to a large PCB and connected to PGND for
maximum power dissipation.
4
FB
Feedback Input Pin. Receives the feedback voltage from a resistive divider
connected across the output.
5
GND
Signal Ground. Return the feedback resistive dividers to this ground, which in turn
connects to PGND at one point.
6, 8, 16
NC
No Internal Connection.
7
EN
Enable pin. A logical high level at this pin enables the converter, while a logical low
level causes the converter to shut down.
9
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor. Normally VDD is
equal to PVDD. Keep the voltage difference between VDD and PVDD less than
0.5V.
10, 11, 12
PVDD
Power Input Supply of converter power stage. Decouple this pin to PGND with a
capacitor.
13, 14, 15
LX
Internal Power MOSFET Switches Output of converter. Connect this pin to the
inductor.
Typical Application Circuit
Driver
Control
Logic
0.3V
OC
Limit
ISEN
Slope
Com
OSC
Output
Clamp
EA
0.6V
Int-SS
POR
GND
FB
PVDD
VDD
PGND
LX
Temp-SEN
OT
EN
VREF
LX
FB
PVDD
VDD
RT8058
PGND
EN
GND
VIN
2.6V to 5.5V
VOUT
1.2V/2A
L1
3.3uH
R2
100k
R1
100k
COUT1
22uF
CIN
10uF
COUT2
22uF
1, 2, 3,
Exposed Pad (17)
5
4
9
7
10,11,12
13,14,15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com