전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT8058 데이터시트(PDF) 3 Page - Richtek Technology Corporation

부품명 RT8058
상세설명  1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8058 데이터시트(HTML) 3 Page - Richtek Technology Corporation

  RT8058 Datasheet HTML 1Page - Richtek Technology Corporation RT8058 Datasheet HTML 2Page - Richtek Technology Corporation RT8058 Datasheet HTML 3Page - Richtek Technology Corporation RT8058 Datasheet HTML 4Page - Richtek Technology Corporation RT8058 Datasheet HTML 5Page - Richtek Technology Corporation RT8058 Datasheet HTML 6Page - Richtek Technology Corporation RT8058 Datasheet HTML 7Page - Richtek Technology Corporation RT8058 Datasheet HTML 8Page - Richtek Technology Corporation RT8058 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8058
Preliminary
3
DS8058-02 August 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
l
Supply Input Voltage VDD, PVDD ------------------------------------------------------------------------------------
−0.3V to 6V
l
LX Pin Switch Voltage --------------------------------------------------------------------------------------------------
−0.3V to 6V
l
Other I/O Pin Voltage ---------------------------------------------------------------------------------------------------
−0.3V to 6V
l
Power Dissipation, PD @ TA = 25
°C
WQFN-6L 3x3 ------------------------------------------------------------------------------------------------------------ 1.471W
l
Package Thermal Resistance (Note 4)
WQFN-16L 3x3,
θJA ----------------------------------------------------------------------------------------------------- 68°C/W
WQFN-16L 3x3,
θJC -----------------------------------------------------------------------------------------------------7°C/W
l
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
l
Storage Temperature Range -------------------------------------------------------------------------------------------
65°C to 150°C
l
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
l
ESD Susceptibility (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = VPVDD = 3.6V, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test C onditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.6
--
5.5
V
Feedback Voltage
VFB
0.582
0.6
0.618
V
DC Bias Current
(PVDD, VDD total)
Active, No Load
--
3.4
--
mA
Active, Not Switching, VFB = 0.5V
--
340
--
µA
Shutdown, EN = 0
--
--
2
µA
Under voltage Lockout
Threshold
UVLO
VDD R ising
2.3
2.43
2.55
V
VDD H ysteresis
--
150
--
mV
Oscillator Frequency
fOSC
Switching Frequency
0.75
1.0
1.25
MHz
EN High-Level Input Voltage
VEN_H
1.4
--
--
V
EN Low-Level Input Voltage
VEN_L
--
--
0.4
V
Switch On Resistance, High
R DS(ON)_P IOUT = 200mA
--
142
210
m
Switch On Resistance, Low
R DS(ON)_N IOUT = 200mA
--
96
160
m
Peak Current Limit
I LIM
2.2
3
--
A
Output Voltage Line Regulation
VIN = 2.6V to 5.5V
--
0.05
--
%/V
Output Voltage Load Regulation
ILOAD = 0Aà2A
--
0.15
--
%/A
Recommended Operating Conditions
(Note 3)
l
Supply Input Voltage ---------------------------------------------------------------------------------------------------- 2.6V to 5.5V
l
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com