전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTE368 데이터시트 (PDF) - NTE Electronics

NTE368 Datasheet PDF - NTE Electronics
부품명 NTE368
다운로드  NTE368 다운로드
파일 크기   21.57 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Silicon NPN Transistor RF Power Output PO = 60W @ 512MHz

NTE368 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
NTE368 Datasheet PDF - NTE Electronics

부품명 NTE368
다운로드  NTE368 Click to download

파일 크기   21.57 Kbytes
페이지   2 Pages
제조업체  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo NTE - NTE Electronics
상세설명 Silicon NPN Transistor RF Power Output PO = 60W @ 512MHz

NTE368 데이터시트 (HTML) - NTE Electronics


NTE368 제품 세부 정보

Description:
The NTE368 is a silicon NPN transistor designed for 12.5 Volt UHF large–signal amplifier applications in industrial and commercial FM equipment operating to 512MHz.

Features:
● Specified 12.5 Volt, 470MHz Characteristic:
    Output Power = 60 Watts
    Minimum Gain = 4.4dB
    Efficiency = 55%
● Characterized with Series Equivalent Large–Signal Impedance Parameters
● Built–In Matching Network for Broadband Operation
● Tested for Load Mismatch Stress at all Phase Angles with 20:1 VSWR @ 16–volt High Line and Overdrive




유사한 부품 번호 - NTE368

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE36 NTE-NTE36 Datasheet
23Kb / 2P
Silicon Complementary Transistors AF Power Amplifier, High Current Switch
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE362 NTE-NTE362 Datasheet
72Kb / 2P
Silicon NPN Transistor RF Power
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Amp, PO = 4W
More results


유사한 설명 - NTE368

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE365 NTE-NTE365 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE367 NTE-NTE367 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com