전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XBTN410 데이터시트 (PDF) - Schneider Electric

XBTN410 Datasheet PDF - Schneider Electric
부품명 XBTN410
다운로드  XBTN410 다운로드
파일 크기   91.71 Kbytes
페이지   4 Pages
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
상세설명 small panel with keypad - with matrix screen - green - 24 V

XBTN410 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
XBTN410 Datasheet PDF - Schneider Electric

부품명 XBTN410
다운로드  XBTN410 Click to download

파일 크기   91.71 Kbytes
페이지   4 Pages
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
상세설명 small panel with keypad - with matrix screen - green - 24 V

XBTN410 데이터시트 (HTML) - Schneider Electric




유사한 부품 번호 - XBTN410

제조업체부품명데이터시트상세설명
logo
Luminus, Inc
XBT-1313-UV LUMINUS-XBT-1313-UV Datasheet
1Mb / 11P
UVC LED with emission wavelength between 280 nm and 286 nm
XBT-1313-UV LUMINUS-XBT-1313-UV Datasheet
1Mb / 11P
Surface Mount UVC LED
2021
XBT-1313-UV-A130-AA280-00 LUMINUS-XBT-1313-UV-A130-AA280-00 Datasheet
1Mb / 11P
UVC LED with emission wavelength between 280 nm and 286 nm
XBT-1313-UV-A130-AB280-00 LUMINUS-XBT-1313-UV-A130-AB280-00 Datasheet
1Mb / 11P
UVC LED with emission wavelength between 280 nm and 286 nm
XBT-1313-UV-A150-AG270-00 LUMINUS-XBT-1313-UV-A150-AG270-00 Datasheet
1Mb / 11P
Surface Mount UVC LED
2021
More results


유사한 설명 - XBTN410

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
TSC with Keypad Scanner and GPIO Expander
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
logo
BOSER Technology Co., L...
BPC-6671 BOSER-BPC-6671_11 Datasheet
644Kb / 1P
17" Panel PC with Touch Screen, Core 2 Duo
BPF-8321-W-HB BOSER-BPF-8321-W-HB Datasheet
82Kb / 1P
21.5 Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen
logo
STMicroelectronics
AN1799 STMICROELECTRONICS-AN1799 Datasheet
110Kb / 7P
STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
Rev. 2
logo
AAEON Technology
FWS-7520 AAEON-FWS-7520 Datasheet
260Kb / 2P
lcm with keypad
FWS-7811 AAEON-FWS-7811 Datasheet
240Kb / 2P
lcm with keypad
FWS-7820 AAEON-FWS-7820 Datasheet
273Kb / 2P
clm with keypad
logo
Toshiba Semiconductor
TC90197XBG TOSHIBA-TC90197XBG Datasheet
1Mb / 31P
Dual screen signal processing IC for small panel
2016-01-21 Rev1.00
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com