전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZ9153-04S 데이터시트 (PDF) - AMAZING Microelectronic Corp.

AZ9153-04S Datasheet PDF - AMAZING Microelectronic Corp.
부품명 AZ9153-04S
다운로드  AZ9153-04S 다운로드
파일 크기   315.25 Kbytes
페이지   8 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ9153-04S Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
AZ9153-04S Datasheet PDF - AMAZING Microelectronic Corp.

부품명 AZ9153-04S
다운로드  AZ9153-04S Click to download

파일 크기   315.25 Kbytes
페이지   8 Pages
제조업체  AMAZING [AMAZING Microelectronic Corp.]
홈페이지  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
상세설명 Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ9153-04S 데이터시트 (HTML) - AMAZING Microelectronic Corp.


AZ9153-04S 제품 세부 정보

Features
 ESD protect for 4 high-speed I/O channels
 Provide transient protection for each channel to
IEC 61000-4-2 (ESD) ±30kV (air / contact)
IEC 61000-4-5 (Lightning) 15A (8/20μs) for any
I/O-to-GND
IEC 61000-4-5 (Lightning) 30A (8/20μs) for
VDD-to-GND
 Complies with the following standards
ISO 10605:C=150pF,R=330, ±30kV (air / contact)
ISO 10605:C=330pF,R=330, ±30kV (air / contact)
ISO 10605:C=150pF,R=2000, ±30kV (air / contact)
ISO 10605:C=330pF,R=2000, ±30kV (air / contact)
 For low operating voltage applications: 3.3V,
maximum
 Low capacitance : 2.1pF typical
 Fast turn-on and low clamping voltage
 Array of surge rated diodes with internal
equivalent TVS diode
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
 AEC-Q101 qualified
Applications
 Automotive application
 Notebook and PC Computers
 LAN application
 Handheld electronics
 Monitors and Flat Panel Displays
 Power and data lines protection
 Video lines protection
Description
AZ9153-04S is a high performance design which
includes surge rated diode arrays to protect
high-speed data interfaces. The AZ9153-04S
family has been specifically designed to protect
sensitive components, which are connected to
data and transmission lines, from over-voltage
caused by Electrostatic Discharging (ESD) and
Lightning.
AZ9153-04S is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power supply line or to
the ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZ9153-04S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(± 15kV air, ±8kV contact discharge).




유사한 부품 번호 - AZ9153-04S

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZ9113-04S AMAZING-AZ9113-04S Datasheet
341Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/27
AZ9113-04S.R7G AMAZING-AZ9113-04S.R7G Datasheet
341Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/27
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9115-04S.R7G AMAZING-AZ9115-04S.R7G Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9143-04F AMAZING-AZ9143-04F Datasheet
140Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2015/10/12
More results


유사한 설명 - AZ9153-04S

제조업체부품명데이터시트상세설명
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZC002-04S AMAZING-AZC002-04S Datasheet
187Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
AZC398-04C AMAZING-AZC398-04C Datasheet
1Mb / 6P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2014/01/28
AZC399-04C AMAZING-AZC399-04C Datasheet
293Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2012/07/12
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com