전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RB521S-40 데이터시트 (PDF) - AiT Semiconductor Inc.

RB521S-40 Datasheet PDF - AiT Semiconductor Inc.
부품명 RB521S-40
다운로드  RB521S-40 다운로드
파일 크기   586.33 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 200mA

RB521S-40 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RB521S-40 Datasheet PDF - AiT Semiconductor Inc.

부품명 RB521S-40
다운로드  RB521S-40 Click to download

파일 크기   586.33 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 200mA

RB521S-40 데이터시트 (HTML) - AiT Semiconductor Inc.


RB521S-40 제품 세부 정보

DESCRIPTION
The
RB521S 40 is available in SOD-523 p ackage

FEATURES
 Low V F
 Silicon epitaxial planar
 Extremely small surface mounting type.
 Availabl e in SOD-523 p a ckage

APPLICATIONS
 Low current rectification and high speed
switching




유사한 부품 번호 - RB521S-40

제조업체부품명데이터시트상세설명
logo
Rohm
RB521S-40 ROHM-RB521S-40 Datasheet
144Kb / 4P
Schottky barrier diode
logo
SEMTECH ELECTRONICS LTD...
RB521S-40 SEMTECH_ELEC-RB521S-40 Datasheet
303Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
logo
Rohm
RB521S-40 ROHM-RB521S-40 Datasheet
1Mb / 4P
Schottky barrier diode
logo
Continental Device Indi...
RB521S-40 CDIL-RB521S-40 Datasheet
130Kb / 3P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODE
More results


유사한 설명 - RB521S-40

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
logo
First Silicon Co., Ltd
FDR240F FS-FDR240F Datasheet
719Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 40V Forward Current 2.0A
logo
AiT Semiconductor Inc.
B5817WS AITSEMI-B5817WS Datasheet
456Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A
REV1.0
BAS16L AITSEMI-BAS16L Datasheet
581Kb / 7P
SWITCHING DIODE REVERSE VOLTAGE 75V FORWARD CURRENT 200mA
REV1.2
BAT54AL AITSEMI-BAT54AL Datasheet
635Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV2.0
BAT54H AITSEMI-BAT54H Datasheet
375Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.2
BAT54SDW AITSEMI-BAT54SDW Datasheet
439Kb / 5P
SCHOTTKY BARRIER DIODE ARRAY REVERSE VOLTAGE 30V FORWARD CURRENT 200mA
REV1.0
RB751S-40 AITSEMI-RB751S-40 Datasheet
350Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 30mA
REV1.0
SD103AWS AITSEMI-SD103AWS Datasheet
857Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 350mA
REV1.0
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com