전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B5817WS 데이터시트 (PDF) - AiT Semiconductor Inc.

B5817WS Datasheet PDF - AiT Semiconductor Inc.
부품명 B5817WS
다운로드  B5817WS 다운로드
파일 크기   456.53 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A

B5817WS Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
B5817WS Datasheet PDF - AiT Semiconductor Inc.

부품명 B5817WS
다운로드  B5817WS Click to download

파일 크기   456.53 Kbytes
페이지   5 Pages
제조업체  AITSEMI [AiT Semiconductor Inc.]
홈페이지  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
상세설명 SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A

B5817WS 데이터시트 (HTML) - AiT Semiconductor Inc.


B5817WS 제품 세부 정보

DESCRIPTION
The B5817WS-B5819WS are available in SOD-323 Package

FEATURES
 Extremely low VF
 Low stored change, majority carrier conduction
 Low power loss/high efficient
 Available in SOD-323 Package

APPLICATION
 For Use in Low Voltage, High Frequency Inverters. Free Wheeling, And Polarity Protection Applications.




유사한 부품 번호 - B5817WS

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
B5817WS JIANGSU-B5817WS Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5817WS BILIN-B5817WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5817WS PFS-B5817WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


유사한 설명 - B5817WS

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FSL14 GOOD-ARK-FSL14_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
logo
AiT Semiconductor Inc.
RB521S-40 AITSEMI-RB521S-40 Datasheet
586Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 200mA
REV1.0
RB751S-40 AITSEMI-RB751S-40 Datasheet
350Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 40V FORWARD CURRENT 30mA
REV1.0
SD103AWS AITSEMI-SD103AWS Datasheet
857Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 40V FORWARD CURRENT 350mA
REV1.0
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM220AF AITSEMI-SM220AF Datasheet
312Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
SM320B AITSEMI-SM320B Datasheet
392Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
SM320BF AITSEMI-SM320BF Datasheet
451Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.1
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com