전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

333-014-542-112 데이터시트 (PDF) - EDAC, All Rights Reserved.

333-014-542-112 Datasheet PDF - EDAC, All Rights Reserved.
부품명 333-014-542-112
다운로드  333-014-542-112 다운로드
파일 크기   271.94 Kbytes
페이지   3 Pages
제조업체  EDAC [EDAC, All Rights Reserved.]
홈페이지  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
상세설명 333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height

333-014-542-112 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
333-014-542-112 Datasheet PDF - EDAC, All Rights Reserved.

부품명 333-014-542-112
다운로드  333-014-542-112 Click to download

파일 크기   271.94 Kbytes
페이지   3 Pages
제조업체  EDAC [EDAC, All Rights Reserved.]
홈페이지  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
상세설명 333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height

333-014-542-112 데이터시트 (HTML) - EDAC, All Rights Reserved.


333-014-542-112 제품 세부 정보

Features

  • .156" (3.96mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .600" (15.24mm)
  • Card Slot Depth of .388" (9.86mm)
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 Degree and Extender Board Bends
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options, Flush or Offset Lugs
  • Accepts between Contact and In-Contact Polarizing Keys
  • RoHS Compliant




유사한 부품 번호 - 333-014-542-112

제조업체부품명데이터시트상세설명
logo
EDAC, All Rights Reserv...
333-014-542-112 EDAC-333-014-542-112 Datasheet
108Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
More results


유사한 설명 - 333-014-542-112

제조업체부품명데이터시트상세설명
logo
EDAC, All Rights Reserv...
333-006-500-112 EDAC-333-006-500-112 Datasheet
106Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-500-608 EDAC-333-006-500-608 Datasheet
107Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-500-612 EDAC-333-006-500-612 Datasheet
106Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-520-604 EDAC-333-006-520-604 Datasheet
116Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-521-102 EDAC-333-006-521-102 Datasheet
116Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-521-108 EDAC-333-006-521-108 Datasheet
107Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-523-104 EDAC-333-006-523-104 Datasheet
116Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-524-603 EDAC-333-006-524-603 Datasheet
108Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-542-101 EDAC-333-006-542-101 Datasheet
116Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
333-006-542-604 EDAC-333-006-542-604 Datasheet
116Kb / 4P
333 Series Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Deep Card Slot | 0.600" (15.24mm) Insulator Height
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com