전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XD010-12S-D4F 데이터시트 (PDF) - SIRENZA MICRODEVICES

XD010-12S-D4F Datasheet PDF - SIRENZA MICRODEVICES
부품명 XD010-12S-D4F
다운로드  XD010-12S-D4F 다운로드
파일 크기   224.09 Kbytes
페이지   6 Pages
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES
상세설명 869-894 MHz Class AB 15W Power Amplifier Module

XD010-12S-D4F Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
XD010-12S-D4F Datasheet PDF - SIRENZA MICRODEVICES

부품명 XD010-12S-D4F
다운로드  XD010-12S-D4F Click to download

파일 크기   224.09 Kbytes
페이지   6 Pages
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES
상세설명 869-894 MHz Class AB 15W Power Amplifier Module

XD010-12S-D4F 데이터시트 (HTML) - SIRENZA MICRODEVICES


XD010-12S-D4F 제품 세부 정보

Product Description
Sirenza Microdevices’ XD010-12S-D4F 15W power module is a robust 2- stage Class A/AB amplifier module for use in the driver stages of cellular base station power amplifiers. The power transistors are fabricated using Sirenzas latest, high performance LDMOS process. It is a drop-in, no-tune, solution for high power applications requiring high efficiency, excellent linearity, and unit-to-unit repeatability. This unit operates from a single voltage supply and has internal temperature compensation of the bias voltage to ensure stable performance over the full temperature range. It is internally matched to 50 ohms.

Product Features
• 50 Ω RF impedance
• 15W Output P1dB
• Single Supply Operation : Nominally 28V
• High Gain: 32 dB at 880 MHz
• Robust 8000V ESD (HBM), Class 3B
• XeMOS II LDMOS FETS
• Temperature Compensation

Applications
• Base Station PA driver
• Repeater
• CDMA / WCDMA
• GSM / EDGE




유사한 부품 번호 - XD010-12S-D4F

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
925-960 MHz Class A/AB 15W Power Amplifier Module
More results


유사한 설명 - XD010-12S-D4F

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
XD010-14S-D4F SIRENZA-XD010-14S-D4F Datasheet
210Kb / 5P
925-960 MHz Class A/AB 15W Power Amplifier Module
XD010-42S-D4F SIRENZA-XD010-42S-D4F Datasheet
213Kb / 5P
869-894 MHz Class A 8 W Power Amplifier Module
XD010-51S-D4F SIRENZA-XD010-51S-D4F Datasheet
208Kb / 5P
902-928 MHz Class A/AB 15W Power Amplifier Module
SDM-08060 SIRENZA-SDM-08060 Datasheet
88Kb / 3P
869-894 MHz Class AB 60W Power Amplifier Module
SDM-08060-B1F SIRENZA-SDM-08060-B1F Datasheet
121Kb / 5P
869-894 MHz Class AB 65W Power Amplifier Module
SDM-08120 SIRENZA-SDM-08120 Datasheet
89Kb / 5P
869-894 MHz Class AB 130W Power Amplifier Module
XD010-42S-D4F SIRENZA-XD010-42S-D4F_1 Datasheet
144Kb / 5P
869-894 MHz Class A 8W power module
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
902-928 MHz Class A/AB 15W Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B501T WALSIN-RFBPF1109B501T Datasheet
607Kb / 7P
869 ~ 894 MHz Band Working Frequency
More results



링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com